Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R08 Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R08
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R08 Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R08 Datasheet HTML 89Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 90Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 91Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 92Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 93Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 94Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 95Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 96Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
93/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
PHY
MII
ROM
R/W
Description
Default
30
26.15
80.7
R/W static_overide_1
1: override the transmission, receiving and learning setting in
MII register 30.16.
0: not override
0
30
26.14
80.6
R/W static_valid_1
1: the entry is valid
0: the entry is not valid
0
30
26[13:8] 80[5:0]
R/W static_port_mask_1
Bit [13]: forward to port 5 (MII0)
Bit [12]: forward to port 4
Bit [11]: forward to port 3
Bit [10]: forward to port 2
Bit [9]: forward to port 1
Bit [8]: forward to port 0
6'b100000
30
26.7
79.7
R/W static_overide_0
1: override the transmission, receiving and Learning setting in
MII register 30.16.
0: not override
1
30
26.6
79.6
R/W static_valid_0
1: the entry is valid
0: the entry is not valid
0
30
26[5:0]
79[5:0]
R/W static_port_mask_0
Bit [5]: forward to port 5 (MII0)
Bit [4]: forward to port 4
Bit [3]: forward to port 3
Bit [2]: forward to port 2
Bit [1]: forward to port 1
Bit [0]: forward to port 0
6’b100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com