Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R08 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R08
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R08 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R08 Datasheet HTML 70Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 71Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 72Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 73Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 74Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 75Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 76Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 77Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
74/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
PHY
MII
ROM
R/W
Description
Default
P4_FORCE100
It is valid only if p4_force (22[15]) is set to 1’b1.
Default value
Pin 113 MII2_EN=1
Pin 113 MII2_EN=0
29
22.10
20.4
R/W
0
Pin103 (0)
*
P4EXT=0
P4EXT=1
1: force port4 to be 100M
0: force port4 to be 10M
1: force MII0 (PHY mode) to be 100M
0: force MII0 (PHY mode) to be 10M
P3_FORCE100
Force port3 to be 100M
1: force to be 100M
0: force to be 10M
It is valid only if p3_force (22[14]) is set to 1’b1.
Default
MII2_EN=1 Pin 113 MII2_EN=0
Pad 98.5
LAT_IN_DIS=1
Pad 98.5
LAT_IN_DIS=0
29
22.9
20.3
R/W
0
0
Pin104 (0)
*
P4EXT=0
P4EXT=1
1: force port3 to be 100M
0: force port3 to be 10M
1: force MII2 (PHY mode) to be 100M
0: force MII2 (PHY mode) to be 10M
P2_FORCE100
Force port2 to be 100M
1: force to be 100M
0: force to be 10M
It is valid only if p2_force (22[13]) is set to 1’b1.
Default
MII2_EN=1 Pin 113 MII2_EN=0
LAT_IN_DIS=1
LAT_IN_DIS=0
29
22.8
20.2
R/W
0
0
Pin105 (0)
*
P1_FORCE100
Force port1 to be 100M
1: force to be 100M
0: force to be 10M
It is valid only if p1_force (22[12]) is set to 1’b1.
Default
Pin 113 MII2_EN=1
Pin 113 MII2_EN=0
29
22.7
20.1
R/W
0
Pin106 (0)
*
P0_FORCE100
Force port0 to be 100M
1: force to be 100M
0: force to be 10M
It is valid only if p0_force (22[11]) is set to 1’b1.
Default
MII2_EN=1 Pin 113 MII2_EN=0
LAT_IN_DIS=1
LAT_IN_DIS=0
29
22.6
20.0
R/W
0
0
Pin107 (0)
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com