Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R08 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R08
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R08 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R08 Datasheet HTML 59Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 60Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 61Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 62Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 63Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 64Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 65Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 66Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
63/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
MII register 4 of PHY0~4 (Each PHY has its own MII register 4 with different PHY address)
PHY
MII
ROM
R/W
Description
Default
Auto-Negotiation Advertisement register
4~0
4.15
--
RO
Next Page
Not supported. This bit is fixed to be 0.
0
4~0
4.14
--
RO
Reserved by IEEE, write as 0, ignore on read
0
4~0
4.13
--
R/W Remote Fault
1: Advertises that this port has detected a remote fault.
0: There is no remote fault.
0
4~0
4[12:11]
--
RO
Reserved for future IEEE use, write as 0, ignore on read
0
4~0
4.10
--
RW Pause
1 = Advertises that this port has implemented pause function
0 = No pause function supported
Set by
X_EN
4~0
4.9
--
RO
100BASE-T4 Not supported
0
100BASE-TX full duplex
1 = 100BASE-TX full duplex is supported
0 = 100BASE-TX full duplex is not supported
FORCE
FORCE100
FORCE FULL
Default
0
Don’tcare
Don’tcare
1
1
0
0
0
1
0
1
0
1
1
0
0
4~0
4.8
--
R/W
1
1
1
1
*
100BASE-TX
1 = 100BASE-TX is supported
0 = 100BASE-TX is not supported
FORCE
FORCE100
FORCE FULL
Default
0
Don’tcare
Don’tcare
1
1
0
0
0
1
0
1
0
1
1
0
1
4~0
4.7
--
R/W
1
1
1
1
*
10BASE-T full duplex
1 = 10BASE-T full duplex is supported
0 = 10BASE-T full duplex is not supported
FORCE
FORCE100
FORCE FULL
Default
0
Don’tcare
Don’tcare
1
1
0
0
0
1
0
1
1
1
1
0
0
4~0
4.6
--
R/W
1
1
1
1
*
4~0
4.5
--
R/W 10BASE-T
1 = 10BASE-T is supported
0 = 10BASE-T is not supported
1
4~0
4[4:0]
--
RO
Selector Field
Use to identify the type of message being sent by Auto-Negotiation.
5’b00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com