Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R08 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R08
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R08 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R08 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 34Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 35Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175C-DS-R08 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
37/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
To define the speed, duplex and pause of MII port
The speed and duplex of MII port can be configured through pins or registers. IP175C/IP175CH’s MII
register is not fully compatible to IP175A’s. User has to fill MII register 29.31 with 16’h175C before
accessing MII registers. The details are shown in the following tables.
MII0 PHY mode (interface to an external MAC, MII registers can be accessed via MDC0, MDIO0)
EEPROM
MII register
Pin
Name
Reg
Name
Phy
Reg
MII0 speed
P4_FORCE_100
P4_FORCE_100
20.4
P4_FORCE_100
29
22.10
MII0 duplex
P4_FORCE_FULL P4_FORCE_FULL
21.4
P4_FORCE_FULL
29
22.5
MII0 pause
--
MAC_X_EN
4.3
MAC_X_EN
29
18.10
MII0 MAC mode (interface to an external PHY), there are two ways to set MII0 speed, duplex and pause.
1. Decided by reading the MII registers 0~5 of external PHY through MDC1, MDIO1.
MII0
Speed
Duplex
Pause
1.
IP175C/IP175CH polls the external PHY with address defined in MII register
31.3[4:0]. The default address value is 00000.
2.
After reset, IP175C/IP175CH writes the speed/duplex/pause capability to the
external PHY using the content of MII register 31.3[12:8].
3.
IP175C/IP175CH reads MII register 0~5 of external PHY as MII0 speed,
duplex and pause continuously.
2. Force mode (MDC1 and MDIO1 are not connected to external PHY)
EEPROM
MII register
Pin
Name
Reg
Name
Phy
Reg
MII0 speed
P4_FORCE_100
P4_FORCE_100
20.4
P4_FORCE_100
29
22.10
MII0 duplex
P4_FORCE_FULL P4_FORCE_FULL
21.4
P4_FORCE_FULL
29
22.5
MII0 pause
--
MAC_X_EN
4.3
MAC_X_EN
29
18.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com