Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5270IPFPT Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS5270IPFPT
Description  8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5270IPFPT Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5270IPFPT Datasheet HTML 10Page - Texas Instruments ADS5270IPFPT Datasheet HTML 11Page - Texas Instruments ADS5270IPFPT Datasheet HTML 12Page - Texas Instruments ADS5270IPFPT Datasheet HTML 13Page - Texas Instruments ADS5270IPFPT Datasheet HTML 14Page - Texas Instruments ADS5270IPFPT Datasheet HTML 15Page - Texas Instruments ADS5270IPFPT Datasheet HTML 16Page - Texas Instruments ADS5270IPFPT Datasheet HTML 17Page - Texas Instruments ADS5270IPFPT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
TYPICAL CHARACTERISTICS
Input Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
0
15
5
10
20
f
IN = 1MHz
SNR = 71.3dBFS
SINAD = 71.2dBFS
SFDR = 89.6dBc
Input Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
0
15
5
10
20
f
IN = 5MHz (−1dBFS)
SNR = 70.4dBFS
SINAD = 70.2dBFS
SFDR = 87.2dBc
Input Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
0
10
15
5
20
f
IN = 10MHz
SNR = 70.8dBFS
SINAD = 70.5dBFS
SFDR = 85.4dBc
Input Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
0
15
5
10
20
f
IN = 20MHz
SNR = 70.5dBFS
SINAD = 70.2dBFS
SFDR = 83.4dBc
Code
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
1536
2048
2560
3072
3584
512
1024
4096
f
IN = 5MHz
Input Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
0
15
5
10
20
F1 = 9.5MHz (
−7dBFS)
F2 = 10.2MHz (
−7dBFS)
IMD =
−85dBFS
ADS5270
SBAS293F – JANUARY 2004 – REVISED JANUARY 2009............................................................................................................................................... www.ti.com
Typical values are at TA = +25C, clock frequency = maximum specified, 50% clock duty cycle, AVDD = 3.3V, LVDD = 3.3V,
–1dBFS, ISET = 56.2kΩ, internal voltage reference, and LVDS buffer current at 3.5mA per channel, unless otherwise noted.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
Figure 1.
Figure 2.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
Figure 3.
Figure 4.
INTERMODULATION DISTORTION
DIFFERENTIAL NONLINEARITY
Figure 5.
Figure 6.
14
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com