Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5270IPFPT Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS5270IPFPT
Description  8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5270IPFPT Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5270IPFPT Datasheet HTML 8Page - Texas Instruments ADS5270IPFPT Datasheet HTML 9Page - Texas Instruments ADS5270IPFPT Datasheet HTML 10Page - Texas Instruments ADS5270IPFPT Datasheet HTML 11Page - Texas Instruments ADS5270IPFPT Datasheet HTML 12Page - Texas Instruments ADS5270IPFPT Datasheet HTML 13Page - Texas Instruments ADS5270IPFPT Datasheet HTML 14Page - Texas Instruments ADS5270IPFPT Datasheet HTML 15Page - Texas Instruments ADS5270IPFPT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
ADS5270
SBAS293F – JANUARY 2004 – REVISED JANUARY 2009............................................................................................................................................... www.ti.com
PIN DESCRIPTIONS
NAME
PIN #
I/O
DESCRIPTION
ADCLK
71
I
Data Converter Clock Input
ADCLKN
42
O
Negative LVDS ADC Clock Output
ADCLKP
41
O
Positive LVDS ADC Clock Output
AVDD
1, 7, 14, 47, 54, 60, 63, 70, 75
I
Analog Power Supply
AVSS
4, 8, 11, 50, 53, 57, 61, 62, 68, 72–74, 79, 80
I
Analog Ground
CS
76
I
Chip Select; 0 = Select, 1 = No Select
IN1N
3
I
Channel 1 Differential Analog Input Low
IN1P
2
I
Channel 1 Differential Analog Input High
IN2N
6
I
Channel 2 Differential Analog Input Low
IN2P
5
I
Channel 2 Differential Analog Input High
IN3N
10
I
Channel 3 Differential Analog Input Low
IN3P
9
I
Channel 3 Differential Analog Input High
IN4N
13
I
Channel 4 Differential Analog Input Low
IN4P
12
I
Channel 4 Differential Analog Input High
IN5N
49
I
Channel 5 Differential Analog Input Low
IN5P
48
I
Channel 5 Differential Analog Input High
IN6N
52
I
Channel 6 Differential Analog Input Low
IN6P
51
I
Channel 6 Differential Analog Input High
IN7N
56
I
Channel 7 Differential Analog Input Low
IN7P
55
I
Channel 7 Differential Analog Input High
IN8N
59
I
Channel 8 Differential Analog Input Low
IN8P
58
I
Channel 8 Differential Analog Input High
INT/EXT
69
I
Internal/External Reference Select; 0 = External, 1 = Internal. Weak pull-up to supply.
ISET
64
I/O
Bias Current Setting Resistor of 56.2k
Ω to Ground
LCLKN
20
O
Negative LVDS Clock
LCLKP
19
O
Positive LVDS Clock
LVDD
25, 35
I
LVDS Power Supply
LVSS
15, 17, 18, 26, 36, 43, 44, 46
I
LVDS Ground
OUT1N
22
O
Channel 1 Negative LVDS Data Output
OUT1P
21
O
Channel 1 Positive LVDS Data Output
OUT2N
24
O
Channel 2 Negative LVDS Data Output
OUT2P
23
O
Channel 2 Positive LVDS Data Output
OUT3N
28
O
Channel 3 Negative LVDS Data Output
OUT3P
27
O
Channel 3 Positive LVDS Data Output
OUT4N
30
O
Channel 4 Negative LVDS Data Output
OUT4P
29
O
Channel 4 Positive LVDS Data Output
OUT5N
32
O
Channel 5 Negative LVDS Data Output
OUT5P
31
O
Channel 5 Positive LVDS Data Output
OUT6N
34
O
Channel 6 Negative LVDS Data Output
OUT6P
33
O
Channel 6 Positive LVDS Data Output
OUT7N
38
O
Channel 7 Negative LVDS Data Output
OUT7P
37
O
Channel 7 Positive LVDS Data Output
OUT8N
40
O
Channel 8 Negative LVDS Data Output
OUT8P
39
O
Channel 8 Positive LVDS Data Output
PD
16
I
Power-Down; 0 = Normal, 1 = Power-Down
REFB
66
I/O
Reference Bottom Voltage (2
Ω resistor in series with a 0.1F capacitor to ground)
REFT
67
I/O
Reference Top Voltage (2
Ω resistor in series with a 0.1F capacitor to ground)
RESET
45
I
Reset to Default; 0 = Reset, 1 = Normal. Weak pull-down to ground.
SCLK
78
I
Serial Data Clock
SDATA
77
I
Serial Data Input
VCM
65
O
Common-Mode Output Voltage
12
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com