Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5270IPFPT Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS5270IPFPT
Description  8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5270IPFPT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5270IPFPT Datasheet HTML 5Page - Texas Instruments ADS5270IPFPT Datasheet HTML 6Page - Texas Instruments ADS5270IPFPT Datasheet HTML 7Page - Texas Instruments ADS5270IPFPT Datasheet HTML 8Page - Texas Instruments ADS5270IPFPT Datasheet HTML 9Page - Texas Instruments ADS5270IPFPT Datasheet HTML 10Page - Texas Instruments ADS5270IPFPT Datasheet HTML 11Page - Texas Instruments ADS5270IPFPT Datasheet HTML 12Page - Texas Instruments ADS5270IPFPT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
PD
Device Fully
Powers Down
Device Fully
Powers Up
500
µs
1
µs
NOTE: The shown power−up time is based on 1
µF bypass capacitors on the reference pins.
See the Theory of Operation section for details.
SERIAL INTERFACE TIMING
Start Sequence
t
1
t
7
t
6
D7
(MSB)
D6
D5
D4
D3
D2
D1
D0
t
2
t
3
t
4
t
5
ADCLK
CS
SCLK
SDATA
Outputs change on
next rising clock edge
after CS goes high.
Data latched on
each rising edge of SCLK.
NOTE: Data is shifted in MSB first.
ADS5270
www.ti.com............................................................................................................................................... SBAS293F – JANUARY 2004 – REVISED JANUARY 2009
LVDS TIMING DIAGRAM (PER ADC CHANNEL) (continued)
POWER-DOWN TIMING
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
t1
Serial CLK Period
50
ns
t2
Serial CLK High Time
20
ns
t3
Serial CLK Low Time
20
ns
t4
Data Setup Time
5
ns
t5
Data Hold Time
5
ns
t6
CS Fall to SCLK Rise
8
ns
t7
SCLK Rise to CS Rise
8
ns
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS5270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com