Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5270IPFPT Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5270IPFPT
Description  8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5270IPFPT Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5270IPFPT Datasheet HTML 2Page - Texas Instruments ADS5270IPFPT Datasheet HTML 3Page - Texas Instruments ADS5270IPFPT Datasheet HTML 4Page - Texas Instruments ADS5270IPFPT Datasheet HTML 5Page - Texas Instruments ADS5270IPFPT Datasheet HTML 6Page - Texas Instruments ADS5270IPFPT Datasheet HTML 7Page - Texas Instruments ADS5270IPFPT Datasheet HTML 8Page - Texas Instruments ADS5270IPFPT Datasheet HTML 9Page - Texas Instruments ADS5270IPFPT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
AC CHARACTERISTICS
ADS5270
SBAS293F – JANUARY 2004 – REVISED JANUARY 2009............................................................................................................................................... www.ti.com
TMIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = maximum specified, 50% clock duty
cycle, AVDD = 3.3V, LVDD = 3.3V, –1dBFS, ISET = 56.2kΩ, internal voltage reference, and LVDS buffer current at 3.5mA per
channel, unless otherwise noted.
ADS5270
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
fIN = 1MHz
89
dBc
fIN = 5MHz
78
87
dBc
SFDR Spurious-Free Dynamic Range
fIN = 10MHz
85
dBc
fIN = 20MHz
83
dBc
fIN = 1MHz
95
dBc
fIN = 5MHz
85
95
dBc
HD2 2nd-Order Harmonic Distortion
fIN = 10MHz
90
dBc
fIN = 20MHz
87
dBc
fIN = 1MHz
89
dBc
fIN = 5MHz
78
87
dBc
HD3 3rd-Order Harmonic Distortion
fIN = 10MHz
85
dBc
fIN = 20MHz
83
dBc
fIN = 1MHz
70.5
dBFS
fIN = 5MHz
68
70.5
dBFS
SNR Signal-to-Noise Ratio
fIN = 10MHz
70.5
dBFS
fIN = 20MHz
70.5
dBFS
fIN = 1MHz
70
dBFS
fIN = 5MHz
67.5
70
dBFS
SINAD Signal-to-Noise and Distortion
fIN = 10MHz
70
dBFS
fIN = 20MHz
70
dBFS
ENOB Effective Number of Bits
fIN = 5MHz
11.3
Bits
5MHz Full-Scale Signal Applied to 7 Channels; Measurement
–90
dBc
Crosstalk
Taken on the Channel with No Input Signal
f1 = 9.5MHz at –7dBFS
–85
dBFS
Two-Tone, Third-Order
IMD3
Intermodulation Distortion
f2 = 10.2MHz at –7dBFS
6
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com