Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE3010 Datasheet(PDF) 21 Page - Texas Instruments

Part # AFE3010
Description  AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE3010 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE3010 Datasheet HTML 17Page - Texas Instruments AFE3010 Datasheet HTML 18Page - Texas Instruments AFE3010 Datasheet HTML 19Page - Texas Instruments AFE3010 Datasheet HTML 20Page - Texas Instruments AFE3010 Datasheet HTML 21Page - Texas Instruments AFE3010 Datasheet HTML 22Page - Texas Instruments AFE3010 Datasheet HTML 23Page - Texas Instruments AFE3010 Datasheet HTML 24Page - Texas Instruments AFE3010 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
+
NEUTRAL
GFCI
system
S1
-
S3
RN = 0.4
RG= 1.6
+
-
HOT
21
AFE3010
www.ti.com
SBFS042 – JUNE 2020
Product Folder Links: AFE3010
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Figure 16. Neutral-to-Ground Detection Test Setup for AFE3010 Design Procedure
b. Choose the RN and RG pair that creates the largest total resistance, as this is the worst-case for the
AFE3010's N-G detection. In this procedure, the total N-G resistance to test is 2 Ω.
c. Using the relays S1 and S3, switch in the N-G fault and check if the system trips. Note that either relay
may be closed first.
d. If the system successfully trips, then re-test the detection over temperature.
e. If the system successfully detects N-G fault overtemperature, then the first-pass component optimization
is complete.
f.
If the system fails to detect the N-G, then consider the following component modifications:
i.
Adjust R6. Decreasing R6 has shown to increase the N-G pulse sensed by amplifier with minimal
effect on amplifier gain.
ii. Increase R7. The trip point must be checked again because the amplifier gain will increase.
iii. Reduce the NG_OUT resistor R5. Note that there is a lower bound to the value of R5, depending on
the impedance of the 200-turn coil. R5 helps limit current from any activated internal ESD cells
during the inductive kickback on the NG_OUT pin. If R5 must be decreased, consider adding a
Schottky diode at the NG_OUT pin to clamp the NG_OUT voltage above the Absolute Maximum
Rating of –0.3 V.
iv. Add a small capacitor from the REF pin to GND. Values between 100 pF and 300 pF are acceptable.
5. Successful operation of the AFE3010 can be seen with the successful passing of the internal self-tests. A
successful self-test can be observed with the ALARM LED (D3) blinking once one second after device power
up.
6. Perform the rest of the testing specified in the UL-943 standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com