Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE3010 Datasheet(PDF) 12 Page - Texas Instruments

Part # AFE3010
Description  AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE3010 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AFE3010 Datasheet HTML 8Page - Texas Instruments AFE3010 Datasheet HTML 9Page - Texas Instruments AFE3010 Datasheet HTML 10Page - Texas Instruments AFE3010 Datasheet HTML 11Page - Texas Instruments AFE3010 Datasheet HTML 12Page - Texas Instruments AFE3010 Datasheet HTML 13Page - Texas Instruments AFE3010 Datasheet HTML 14Page - Texas Instruments AFE3010 Datasheet HTML 15Page - Texas Instruments AFE3010 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Self-test Begins
60 Cycles after
Power Up
Initiate a Ground-
Fault Leakage Event
through FT Pin
Was the
Induced Fault
Detected?
Is this the 5
th
Consecutive Fail?
Repeat Self-test
in 180 Cycles
Repeat Self-test
in 60 Cycles
Self-test Passes
Monitor Filter Counter
to Detect the Induced
Fault
Yes
No
Yes
No
Initiate ALARM
Blinking, and Drive
SCR to Open the
Load Switch
Start SCR Self-test
Was the SCR
Operation
Verified?
Yes
No
Is this the 5
th
Consecutive Fail?
Yes
No
12
AFE3010
SBFS042 – JUNE 2020
www.ti.com
Product Folder Links: AFE3010
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Figure 10. AFE3010 Self-test Sequence
7.4 Device Functional Modes
7.4.1 Pin Configuration
The AFE3010 offers multiple operating modes and pin functions. These modes can be set by the SEL pin per
Table 2.
Table 2. Pin Configuration
SEL
SCR SELF-TEST
ALARM
5 V (Leave floating)
No
Works as ALARM/ LED driver.
2.5 V (Connect 500-KΩ resistor to
GND)
Yes
Works as secondary SCR driver in applications
where ALARM (LED) function is not needed.
0 V (Connect to GND)
Yes
Works as ALARM/ LED driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com