Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE3010 Datasheet(PDF) 13 Page - Texas Instruments

Part # AFE3010
Description  AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE3010 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE3010 Datasheet HTML 9Page - Texas Instruments AFE3010 Datasheet HTML 10Page - Texas Instruments AFE3010 Datasheet HTML 11Page - Texas Instruments AFE3010 Datasheet HTML 12Page - Texas Instruments AFE3010 Datasheet HTML 13Page - Texas Instruments AFE3010 Datasheet HTML 14Page - Texas Instruments AFE3010 Datasheet HTML 15Page - Texas Instruments AFE3010 Datasheet HTML 16Page - Texas Instruments AFE3010 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
13
AFE3010
www.ti.com
SBFS042 – JUNE 2020
Product Folder Links: AFE3010
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.4.2 ALARM Modes to Drive LED
The AFE3010 supports three different modes when the ALARM pin is used as an LED driver:
1. Successful power-up indication: The LED turns on for 250-ms when the first periodic self-test is completed
after power up. On a 60-Hz system, this event occurs approximately one second after power up.
2. LED blinking due to self-test fail: In case of a self-test fail, the ALARM pin sets the LED in blinking mode a
frequency of 0.5-Hz. In this state, the LED is on for one second and off for one second. When the ALARM
pin goes into blinking mode, a system power recycle or a successful self-test pass through the PTT press will
deactivate the ALARM signal.
3. LED on through the SW_OPEN pin: If the SW_OPEN pin is low, the LED will turn on without 0.5-Hz blinking.
During a self-test fail event, the device overrides the SW_OPEN state and puts the LED blinking mode at 0.5
Hz.
Table 3. ALARM (LED) Operating Modes
AFE3010 STATUS
SW_OPEN PIN
ALARM (LED) FUNCTION
COMMENTS
Self-test fails
Floating
ALARM (LED) blinks
Self-test fail dominates ALARM (LED)
behavior and ignores the SW_OPEN
signal
Low
Load switch open due
to H-G or N-G fault
Floating
ALARM (LED) remains off
Low
ALARM (LED) remains on without blinking
At power up, during the
first self-test only
Floating
ALARM (LED) on for 0.25 s after first self-
test pass
Indicates the event of first self-test
pass after power up
Low
ALARM (LED) on without blinking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com