Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE3010 Datasheet(PDF) 8 Page - Texas Instruments

Part # AFE3010
Description  AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE3010 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE3010 Datasheet HTML 4Page - Texas Instruments AFE3010 Datasheet HTML 5Page - Texas Instruments AFE3010 Datasheet HTML 6Page - Texas Instruments AFE3010 Datasheet HTML 7Page - Texas Instruments AFE3010 Datasheet HTML 8Page - Texas Instruments AFE3010 Datasheet HTML 9Page - Texas Instruments AFE3010 Datasheet HTML 10Page - Texas Instruments AFE3010 Datasheet HTML 11Page - Texas Instruments AFE3010 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
200:1
1000:1
HOT
NEUTRAL
Solenoid
C2
R6
R7
R8
Q1
SCR
ALARM
FT
VDD1
REF
FB
GND
SCR
OUT
VDD2
SCR_TST
R3
C1
R4
SW_OPEN
PH
PTT
R9
R11
LOAD
AFE3010
NG_OUT
SEL
D2
R1
R2
R5
R10
C4
R12
C3
C5
C6
C7
C8
C9
C10
D1
D3
C11
D4
8
AFE3010
SBFS042 – JUNE 2020
www.ti.com
Product Folder Links: AFE3010
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Powering The AFE3010
Figure 7 shows the recommended components and configurations to develop a GFCI system using the
AFE3010. The AFE3010 features an internal 20-V shunt regulator that connects to an external rectifier output
through limiting resistors R1 and R2. The two separate VDD and GND pins offer redundancy during single
component failure events in GFCI systems. An internal 5-V rail powers the majority of the internal circuitry, and
drives all the signal pins except the NG_OUT, PH, and SCR_TST pins. The NG_OUT pin is referenced to the 20-
V VDD through an internal reverse blocking diode inside the device.
Figure 7. AFE3010 Application Diagram
7.3.2 Sensing Amplifier
The AFE3010 employs a current-feedback chopper amplifier topology to sense a wide range of fault currents
with high precision. The current-feedback topology allows the device to maintain consistent gain across the wide
fault current limits. Hence no degradation of accuracy is experienced at large fault current measurements. The
device REF, FB, and OUT pins are the noninverting, inverting, and output terminals of the amplifier, respectively.
The user access of all three pins helps system designers develop their own current sensing thresholds and
bandwidths by optimizing the corresponding passive component values.
7.3.3 Noise Filter
As shown in Figure 8, the AFE3010 uses a unique 2-stage filter architecture to provide robust protection against
false trips. A series of internal comparators register the fault current thresholds at the output of the sensing
amplifier. Once a valid fault threshold is detected, the filter searches for a pre-determined pattern of fault
occurrences in the consecutive cycles. If the specific pattern is detected, the filter will enable the SCR driver to
open the power line switch. As shown in Table 1, the AFE3010 response time is faster than the UL943 mandated
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com