Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM625SIP Datasheet(PDF) 15 Page - Texas Instruments

Part # AM625SIP
Description  AM625SIP – AM6254 Sitara™ Processor with Integrated LPDDR4 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625SIP Datasheet(HTML) 15 Page - Texas Instruments

Back Button AM625SIP Datasheet HTML 11Page - Texas Instruments AM625SIP Datasheet HTML 12Page - Texas Instruments AM625SIP Datasheet HTML 13Page - Texas Instruments AM625SIP Datasheet HTML 14Page - Texas Instruments AM625SIP Datasheet HTML 15Page - Texas Instruments AM625SIP Datasheet HTML 16Page - Texas Instruments AM625SIP Datasheet HTML 17Page - Texas Instruments AM625SIP Datasheet HTML 18Page - Texas Instruments AM625SIP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
6.4 Operating Performance Points
This section describes maximum operating conditions of the device in Table 6-1 and describes each Operating
Performance Point (OPP) for processor clocks and device core clocks in Table 6-2.
Table 6-1. Device Speed Grades
Speed
Grade
VDD_CORE
(V)(1)
MAXIMUM OPERATING FREQUENCY (MHz)
MAXIMUM
TRANSITION
RATE (MT/s)
A53SS
(Cortex-
A53x)
GPU
PRU
Main
Infra
(CBA)
MCUSS
(Cortex-
M4F)
Device/
Power
Manager
(Cortex-
R5F)
SMS
Subsystem
(Dual
Cortex-M4F)
OCSRAM
LPDDR4
T
0.75/0.85
1250
500
333
250
400
400
400
400
1600
0.85
1400
(1)
Nominal operating voltage, see Recommended Operating Conditions.
Table 6-2. Device Operating Performance Points
OPP
A53SS(1)
FIXED OPERATING FREQUENCY OPTIONS (MHz)(2)
MT/s
GPU
PRU
MAIN
INFRA (CBA)
MCUSS
DEVICE/
POWER
MANAGER
SMS /
SMS CBA
OCSRAM
LPDDR4
 
High
 
From
ARM0
PLL
Bypass
to
Speed
Grade
Maximum
500
333,
250,
or
200
250
400
or
200
400
400
400
From
DDR
PLL
Bypass(3)
to
1600
Low
N/A
125
133
133
133
(1)
Default operating frequency, set by software at boot. Supports Dynamic Frequency Scaling after boot.
(2)
Fixed operating frequency, set by software at boot.
(3)
The DDR PLL output, which sources DDR0_CK0 and DDR0_CK0_n, is typically defined in units of frequency. So the "DDR PLL
Bypass" transaction rate is equal to 2x the DDR PLL output frequency when operating in bypass mode.
www.ti.com
AM625SIP
SPRSP98A – NOVEMBER 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: AM625SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com