Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM625SIP Datasheet(PDF) 7 Page - Texas Instruments

Part # AM625SIP
Description  AM625SIP – AM6254 Sitara™ Processor with Integrated LPDDR4 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625SIP Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM625SIP Datasheet HTML 3Page - Texas Instruments AM625SIP Datasheet HTML 4Page - Texas Instruments AM625SIP Datasheet HTML 5Page - Texas Instruments AM625SIP Datasheet HTML 6Page - Texas Instruments AM625SIP Datasheet HTML 7Page - Texas Instruments AM625SIP Datasheet HTML 8Page - Texas Instruments AM625SIP Datasheet HTML 9Page - Texas Instruments AM625SIP Datasheet HTML 10Page - Texas Instruments AM625SIP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
4 Device Comparison
Table 4-1 shows a comparison between devices, highlighting the differences.
Note
Availability of features listed in this table are a function of shared IO pins, where IO signals associated
with many of the features are multiplexed to a limited number of pins. The SysConfig tool should
be used to assign signal functions to pins. This will provide a better understanding of limitations
associated with pin multiplexing.
Note
To understand what device features are currently supported by TI Software Development Kits
(SDKs), search for the AM62x Software Build Sheet located in the Downloads tab option provided
at Processor-SDK-AM62x.
Table 4-1. Device Comparison
FEATURES
REFERENCE
NAME
AM625SIP
AM625 (1)
AM6254
AM6254
WKUP_CTRL_MMR_CFG0_JTAG_USER_ID[31:13](2)
Register bit values by device "Features" code (See Device Naming Convention for more information on device features)
C:
-
0x1D123
G:
-
0x1D127
L:
0x1F120
-
PROCESSORS AND ACCELERATORS
Speed Grades (See Device Speed Grades)
T
T, S, K, G
Arm Cortex-A53
Microprocessor Subsystem
Arm A53
Quad Core
Arm Cortex-M4F
in MCU domain
Arm M4F
Single Core
No Functional Safety
Single Core
Functional Safety (Optional)
3D Graphics Engine
(OpenGL ES 3.1, Vulkan 1.2)
3D Graphics engine
Yes
Device Management Subsystem
WKUP_R5F
Single core
Crypto Accelerators
Security
Yes
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM) in MAIN
Domain
OCSRAM
64KB (with SECDED ECC)
On-Chip Shared Memory (RAM) in M4F
Domain
MCU_MSRAM
256KB
DDR4/LPDDR4 DDR Subsystem
DDRSS
Integrated 512MB LPDDR4 SDRAM
16-bit data with inline ECC;
up to 8GB using DDR4 or
up to 4GB using LPDDR4
General-Purpose Memory Controller
GPMC
Up to 1GB with ECC
PERIPHERALS
Display Subsystem
DSS
1x DPI
1x LVDS
Modular Controller Area Network Interface
with Full CAN-FD Support
MCAN
3
General-Purpose I/O
GPIO
Up to 170
Inter-Integrated Circuit Interface
I2C
6
Multichannel Audio Serial Port
MCASP
3
Multichannel Serial Peripheral Interface
MCSPI
5
Multi-Media Card/ Secure Digital Interface
MM/CSD
1x eMMC (8-bits)
2x SD/SDIO (4-bits)
Flash Subsystem (FSS)(3)
OSPI0/QSPI0
Yes(3)
Programmable Real-Time Unit Subsystem
PRUSS
2x PRU Cores
2x PRU Cores (Optional)
www.ti.com
AM625SIP
SPRSP98A – NOVEMBER 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM625SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com