Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM625SIP Datasheet(PDF) 21 Page - Texas Instruments

Part # AM625SIP
Description  AM625SIP – AM6254 Sitara™ Processor with Integrated LPDDR4 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625SIP Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM625SIP Datasheet HTML 17Page - Texas Instruments AM625SIP Datasheet HTML 18Page - Texas Instruments AM625SIP Datasheet HTML 19Page - Texas Instruments AM625SIP Datasheet HTML 20Page - Texas Instruments AM625SIP Datasheet HTML 21Page - Texas Instruments AM625SIP Datasheet HTML 22Page - Texas Instruments AM625SIP Datasheet HTML 23Page - Texas Instruments AM625SIP Datasheet HTML 24Page - Texas Instruments AM625SIP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
8.1.2 Device Naming Convention
FIELD PARAMETER
FIELD DESCRIPTION
VALUE
DESCRIPTION
a
Device evolution stage
X
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK(1)
Production
–
Part Number Prefix
AM
Not symbolized
BBBB
Base production part
number
6254
See Table 4-1, Device Comparison
r
Device revision
A
SR1.0
Z
Device Speed Grade
T
See Table 6-1, Device Speed Grades
f
Features
(see Table 4-1)
L
Feature code "C" AM6254 device with Integrated 512MB LPDDR4
SDRAM
Y
Security / Functional
Safety
G
Non-secure / No Functional Safety
1 to 9
Secure with Dummy Key / No Functional Safety
H to R
Secure with Production Key / No Functional Safety
t
Temperature(2)
J
–40°C to 95°C - Industrial (see Section 6.3, Recommended Operation
Conditions)
2D Barcode
Varies
Optional 2D barcode, provides additional device information
BLANK
xxxxxxx
Lot Trace Code (LTC)
YYY
Production Code, For TI use only
ZZZ
Production Code, For TI use only
PPP
Package Designator
AMK
FCCSP BGA (425-pin)
dd
Pre-Production Code, For TI use only
●
Pin one designator
(1)
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
(2)
Applies to device max junction temperature.
www.ti.com
AM625SIP
SPRSP98A – NOVEMBER 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AM625SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com