Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM625SIP Datasheet(PDF) 11 Page - Texas Instruments

Part # AM625SIP
Description  AM625SIP – AM6254 Sitara™ Processor with Integrated LPDDR4 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625SIP Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM625SIP Datasheet HTML 7Page - Texas Instruments AM625SIP Datasheet HTML 8Page - Texas Instruments AM625SIP Datasheet HTML 9Page - Texas Instruments AM625SIP Datasheet HTML 10Page - Texas Instruments AM625SIP Datasheet HTML 11Page - Texas Instruments AM625SIP Datasheet HTML 12Page - Texas Instruments AM625SIP Datasheet HTML 13Page - Texas Instruments AM625SIP Datasheet HTML 14Page - Texas Instruments AM625SIP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
5.2 Pin Attributes and Signal Descriptions
This section describes the AM625SIP device pins which have different power or signal functions relative to the
ALW packaged AM6254 device. The AM6254 DDRSS0 signals in the ALW package that would normally connect
to an external SDRAM were connected directly to an integrated LPDDR4 SDRAM in the AM625SIP device, and
the pins associated with these signals were reassigned to different power or signal functions. Table 5-1 contains
a list of ball numbers that were reassigned to new power or signal functions along with their new ball name and
signal description.
Table 5-1. Reassigned DDRSS0 Pins on the AMK Package
BALL
NUMBER
BALL NAME
Signal Description
M9
VDDS_DDR
DDR PHY IO supply
F2
VDDS_MEM_1P1
SDRAM IO supply
(Sources the SDRAM VDD2 and VDDQ power rails)
G2
H1
H2
N1
N2
P2
R2
U1
U2
V2
W2
M4
VDDS_MEM_1P8
SDRAM Core supply
(Sources the SDRAM VDD1 power rail)
N3
R3
DDR_ZQ
SDRAM Calibration Reference(1)
(Connects to the SDRAM ZQ Calibration Reference)
www.ti.com
AM625SIP
SPRSP98A – NOVEMBER 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AM625SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com