Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF04701 Datasheet(PDF) 18 Page - Texas Instruments

Part # BUF04701
Description  Multi-Channel LCD Gamma Correction Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF04701 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BUF04701 Datasheet HTML 14Page - Texas Instruments BUF04701 Datasheet HTML 15Page - Texas Instruments BUF04701 Datasheet HTML 16Page - Texas Instruments BUF04701 Datasheet HTML 17Page - Texas Instruments BUF04701 Datasheet HTML 18Page - Texas Instruments BUF04701 Datasheet HTML 19Page - Texas Instruments BUF04701 Datasheet HTML 20Page - Texas Instruments BUF04701 Datasheet HTML 21Page - Texas Instruments BUF04701 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Reference
GammaCorrection
V
COM
BUFxx702
TPS65100
LCD
Supply
TPA3002
Audio
Speaker
Driver
2.7Vto5V
+15V
-12V
+30V
3.3V
Logicand
Timing
Controller
SourceDriver
High-Resolution
TFT-LCDPanel
n
n
BUF07703
BUF06703
BUF05703
SBOS269C – MARCH 2003 – REVISED APRIL 2010
www.ti.com
COMPLETE LCD SOLUTION FROM TI
amplifier. Texas Instruments offers a full line of linear
and
switch-mode
audio
power
amplifiers.
For
Besides the BUFxx703 line of gamma correction
excellent audio performance TI recommends the
buffers, TI offers a complete set of ICs for the LCD
OPA364 or OPA353 as headphone drivers. For more
panel market: source and gate drivers, various
information visit www.ti.com.
power-supply
solutions,
as
well
audio
power
solutions. Figure 41 shows the total IC solution from
Integrated DC/DC Converter for LCD Panels:
TI.
TPS65100
The TPS65100 offers a very compact and small
Audio Power Amplifier for TV Speakers
power
supply
solution
to
provide
all
three
The TPA3002D2 is a 7W (per channel) stereo audio
power-supply voltages required by TFT (thin film
amplifier specifically targeted towards LCD monitors
transistor) LCD displays. Additionally the device has
and TVs. It offers highly efficient, filter-free Class-D
an integrated VCOM buffer. The auxiliary linear
operation for driving bridged tied stereo speakers.
regulator controller can be used to generate the 3.3V
The TPA3002D2 is designed to drive stereo speakers
logic power rail for systems powered by a 5V supply
as low as 8
Ω without an output filter. The high
rail only. The main output can power the LCD source
efficiency of the TPA3002D2 eliminates the need for
drivers as well as the BUFxx703. An integrated
external
heatsinks
when
playing
music.
Stereo
adjustable charge pump doubler/tripler provides the
speaker volume is controlled with a dc voltage
positive LCD gate drive voltage. An externally
applied to the volume control terminal offering a
adjustable
negative
charge
pump
provides
the
range of gain from
−40dB to +36dB. Line outputs, for
negative gate drive voltage. The TPS65100 has an
driving external headphone amplifier inputs, are also
integrated VCOM buffer to power the LCD backplane.
dc voltage controlled with a range of gain from
−56dB
A version of the BUFxx703 without the integrated
to +20dB. An integrated +5V regulated supply is
VCOM buffer could be used for minimum redundancy
provided
for
powering
an
external
headphone
and lowest cost. For LCD panels powered by 5V only,
the TPS65100 has a linear regulator controller that
uses an external transistor to provide a regulated
3.3V output for the digital circuits. Contact the local
sales office for more information.
Figure 41. TI LCD Solution
18
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): BUF07703 BUF06703 BUF05703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com