Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF04701 Datasheet(PDF) 3 Page - Texas Instruments

Part # BUF04701
Description  Multi-Channel LCD Gamma Correction Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF04701 Datasheet(HTML) 3 Page - Texas Instruments

  BUF04701 Datasheet HTML 1Page - Texas Instruments BUF04701 Datasheet HTML 2Page - Texas Instruments BUF04701 Datasheet HTML 3Page - Texas Instruments BUF04701 Datasheet HTML 4Page - Texas Instruments BUF04701 Datasheet HTML 5Page - Texas Instruments BUF04701 Datasheet HTML 6Page - Texas Instruments BUF04701 Datasheet HTML 7Page - Texas Instruments BUF04701 Datasheet HTML 8Page - Texas Instruments BUF04701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
BUF07703
BUF06703
BUF05703
www.ti.com
SBOS269C – MARCH 2003 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS
Over operating free-air temperature range, VDD = 4.5V to 16V, TA = +25°C, unless otherwise noted.
BUF07703, BUF06703, BUF05703
PARAMETER
CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
+25°C
1.5
1.2
mV
VIO
Input offset voltage
VI = VDD/2, RS = 50Ω
Full range
15
mV
+25°C
1
pA
IIB
Input bias current
VI = VDD/2
Full range
200
pA
+25°C
62
80
dB
Supply voltage rejection ratio
kSVR
VDD = 4.5V to 16V
(
ΔVDD/ΔVIO)
Full range
60
dB
Buffer gain
VI = 5V
+25°C
0.9995
V/V
Gamma buffers
CL = 100pF, RL = 2kΩ
+25°C
0.8
MHz
3dB
BW_3dB
bandwidth
VCOM buffer
CL = 100pF, RL = 2kΩ
+25°C
0.7
MHz
CL = 100pF, RL = 2kΩ
Gamma buffers
+25°C
1
V/ms
VIN = 2V to 8V
SR
Slew rate
CL = 100pF, RL = 2kΩ
VCOM buffer
+25°C
0.7
V/ms
VIN = 2V to 8V
IO = 0 to ±5mA, VO = 5V
Transient load regulation
+25°C
900
mV
CL = 100pF, tT = 0.1ms
Transient load response
See Figure 3
+25°C
160
mV
IO = 0 to −5mA, VO = 5V
tS, (I−sink)
Settling time
−current
Full range
1
ms
CL = 100pF, RL = 2kΩ
IO = 0 to +5mA, VO = 5V
tS, (I−src)
Settling time
−current
Full range
2
ms
CL = 100pF, RL = 2kΩ
VI = 4.5V to 5.5V, 0.1%
+25°C
6
ms
Gamma buffers
VI = 5.5V to 4.5V, 0.1%
+25°C
4.6
ms
Settling time
−
tS
voltage
VI = 4.5V to 5.5V, 0.1%
+25°C
5.8
ms
VCOM buffer
VI = 5.5V to 4.5V, 0.1%
+25°C
5.6
ms
Gamma buffers
VI = 5V, f = 1kHz
+25°C
45
nV/
√Hz
Vn
Noise voltage
VCOM buffer
VI = 5V, f = 1kHz
+25°C
40
nV/
√Hz
Crosstalk
VIPP = 6V, f = 1kHz
+25°C
85
dB
(1)
Full range is –40°C to +85°C.
Copyright © 2003–2010, Texas Instruments Incorporated
3
Product Folder Link(s): BUF07703 BUF06703 BUF05703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com