Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF04701 Datasheet(PDF) 11 Page - Texas Instruments

Part # BUF04701
Description  Multi-Channel LCD Gamma Correction Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF04701 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BUF04701 Datasheet HTML 7Page - Texas Instruments BUF04701 Datasheet HTML 8Page - Texas Instruments BUF04701 Datasheet HTML 9Page - Texas Instruments BUF04701 Datasheet HTML 10Page - Texas Instruments BUF04701 Datasheet HTML 11Page - Texas Instruments BUF04701 Datasheet HTML 12Page - Texas Instruments BUF04701 Datasheet HTML 13Page - Texas Instruments BUF04701 Datasheet HTML 14Page - Texas Instruments BUF04701 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
10
9
8
7
6
5
4
3
2
1
0
0
50
100
150
200
250
Low-LevelOutputCurrent(mA)
T =0 C
A
°
T =+85 C
A
°
V
Buffer
COM
T =+25 C
A
°
T =
40 C
-
A
°
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
5
10
15
25
20
30
35
40
45
50
Low-LevelOutputCurrent(mA)
T =0 C
A
°
T =+85 C
A
°
T =+25 C
A
°
BUF05703
Channel4
BUF06703
BUF07703
Channel6
T =
40 C
-
A
°
2.5
2.0
1.5
1.0
0.5
0
-40
-25
-10
5
20
35
50
65
80 85
Free-AirTemperature(
)
°C
5V
10V
15V
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
SupplyVoltage(V)
T =0 C
A
°
T =+85 C
A
°
T =+25 C
A
°
T =+70 C
A
°
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
V
Buffer
COM
R =2k
C =100pF
W
L
L
GammaChannels
1.25
1.00
0.75
0.50
0.25
0
0
2
4
6
8
10
12
14
16
SupplyVoltage(V)
R =2k
C =100pF
T =+25 C
L
L
A
W
°
V
Buffer
COM
BUF06703
BUF07703
Channel5
BUF05703
Channel3
BUF07703
BUF06703
BUF05703
www.ti.com
SBOS269C – MARCH 2003 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS (continued)
At VDD = 10V, unless otherwise noted.
LOW-LEVEL OUTPUT VOLTAGE vs
LOW-LEVEL OUTPUT VOLTAGE vs
LOW-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
Figure 17.
Figure 18.
SUPPLY CURRENT vs SUPPLY VOLTAGE
SUPPLY CURRENT vs FREE-AIR TEMPERATURE
Figure 19.
Figure 20.
AC CURVES
−3 dB BANDWIDTH vs SUPPLY VOLTAGE
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
Figure 21.
Figure 22.
Copyright © 2003–2010, Texas Instruments Incorporated
11
Product Folder Link(s): BUF07703 BUF06703 BUF05703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com