Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF04701 Datasheet(PDF) 4 Page - Texas Instruments

Part # BUF04701
Description  Multi-Channel LCD Gamma Correction Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF04701 Datasheet(HTML) 4 Page - Texas Instruments

  BUF04701 Datasheet HTML 1Page - Texas Instruments BUF04701 Datasheet HTML 2Page - Texas Instruments BUF04701 Datasheet HTML 3Page - Texas Instruments BUF04701 Datasheet HTML 4Page - Texas Instruments BUF04701 Datasheet HTML 5Page - Texas Instruments BUF04701 Datasheet HTML 6Page - Texas Instruments BUF04701 Datasheet HTML 7Page - Texas Instruments BUF04701 Datasheet HTML 8Page - Texas Instruments BUF04701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
BUF07703
BUF06703
BUF05703
SBOS269C – MARCH 2003 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: BUF07703
Over operating free-air temperature range, VDD = 4.5V to 16V, TA = +25°C, unless otherwise noted.
BUF07703
PARAMETER
CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
+25°C
1.7
2
mA
VO = VDD/2, VI = VDD/2,
IDD
Supply current
All
VDD = 10V
Full range
3
mA
Buffers 1
−3
+25°C
1
VDD
V
Common-mode
Buffers 4
−6
+25°C
0
VDD – 1
V
input range
VCOM buffer
+25°C
1
VDD
V
VCOM buffer
VDD = 10V, IO = 1mA to 30mA
+25°C
1
mV/mA
sinking
VCOM buffer
VDD = 10V, IO = −1mA to −30mA
+25°C
1
mV/mA
sourcing
Load regulation
Buffers 1–6
VDD = 10V, IO = 1mA to 10mA
+25°C
0.85
mV/mA
sinking
Buffers 1–6
VDD = 10V, IO = −1mA to −10mA
+25°C
0.85
mV/mA
sourcing
+25°C
15.85
15.9
V
High-level saturated
VDD = 16V, VIO = −5mA,
VOSH1
Buffer 1
output voltage
VI = 16V
Full range
15.8
V
+25°C
0.1
0.15
V
Low-level saturated
VDD = 16V, VIO = 5mA,
VOSL6
Buffer 6
output voltage
VI = 0V
Full range
0.2
V
+25°C
9.75
9.8
V
High-level output
VDD = 10V, VIO = −10mA,
VOH1
Buffer 1
voltage
VI = 9.8V
Full range
9.7
V
+25°C
9.45
9.5
V
High-level output
VDD = 10V, VIO = −10mA,
VOH2/3
Buffer 2/3
voltage
VI = 9.5V
Full range
9.4
V
+25°C
7.95
8
V
High-level output
VDD = 10V, VIO = −10mA,
VOH4/5
Buffer 4/5
voltage
VI = 8V
Full range
7.9
V
+25°C
7.95
8
V
High-level output
VDD = 10V, VIO = −10mA,
VOH6
Buffer 6
voltage
VI = 8V
Full range
7.9
V
+25°C
7.95
8
V
High-level output
VDD = 10V, VIO = −30mA,
VOHCOM
VCOM buffer
voltage
VI = 8V
Full range
7.9
V
+25°C
2
2.05
V
Low-level output
VOL1
Buffer 1
VDD = 10V, IO = 10mA, VI = 2V
voltage
Full range
2.1
V
+25°C
2
2.05
V
Low-level output
VOL2/3
Buffer 2/3
VDD = 10V, IO = 10mA, VI = 2V
voltage
Full range
2.1
V
+25°C
0.5
0.55
V
Low-level output
VOL4/5
Buffer 4/5
VDD = 10V, IO = 10mA, VI = 0.5V
voltage
Full range
0.6
V
+25°C
0.2
0.25
V
Low-level output
VOL6
Buffer 6
VDD = 10V, IO = 10mA, VI = 0.2V
voltage
Full range
0.3
V
+25°C
2
2.05
V
Low-level output
VOLCOM
VCOM buffer
VDD = 10V, IO = 30mA, VI = 2V
voltage
Full range
2.1
V
(1)
Full range is –40°C to +85°C.
4
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): BUF07703 BUF06703 BUF05703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com