Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC93 Datasheet(PDF) 2 Page - Texas Instruments

Part # CD74HC93
Description  CD74HC93, CD74HCT93 High-Speed CMOS Logic 4-Bit Binary Ripple Counter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC93 Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC93 Datasheet HTML 1Page - Texas Instruments CD74HC93 Datasheet HTML 2Page - Texas Instruments CD74HC93 Datasheet HTML 3Page - Texas Instruments CD74HC93 Datasheet HTML 4Page - Texas Instruments CD74HC93 Datasheet HTML 5Page - Texas Instruments CD74HC93 Datasheet HTML 6Page - Texas Instruments CD74HC93 Datasheet HTML 7Page - Texas Instruments CD74HC93 Datasheet HTML 8Page - Texas Instruments CD74HC93 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Table of Contents
1 Features............................................................................1
2 Description.......................................................................1
3 Revision History.............................................................. 2
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 Recommended Operating Conditions.........................4
5.3 Thermal Information....................................................4
5.4 Electrical Characteristics.............................................5
5.5 Prerequisite for Switching Characteristics ................. 6
5.6 Switching Characteristics ...........................................6
6 Parameter Measurement Information............................ 8
7 Detailed Description........................................................9
7.1 Overview..................................................................... 9
7.2 Functional Block Diagram........................................... 9
7.3 Device Functional Modes..........................................10
8 Power Supply Recommendations................................11
9 Layout............................................................................. 11
9.1 Layout Guidelines..................................................... 11
10 Device and Documentation Support..........................12
10.1 Documentation Support.......................................... 12
10.2 Receiving Notification of Documentation Updates..12
10.3 Support Resources................................................. 12
10.4 Trademarks.............................................................12
10.5 Electrostatic Discharge Caution..............................12
10.6 Glossary..................................................................12
11 Mechanical, Packaging, and Orderable
Information.................................................................... 12
3 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (September 2003) to Revision D (March 2022)
Page
• Updated the numbering, formatting, tables, figures, and cross-references throughout the doucment to reflect
modern data sheet standards............................................................................................................................. 1
CD74HC93, CD74HCT93
SCHS138D – NOVEMBER 1998 – REVISED MARCH 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD74HC93 CD74HCT93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com