Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC93 Datasheet(PDF) 9 Page - Texas Instruments

Part # CD74HC93
Description  CD74HC93, CD74HCT93 High-Speed CMOS Logic 4-Bit Binary Ripple Counter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC93 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74HC93 Datasheet HTML 5Page - Texas Instruments CD74HC93 Datasheet HTML 6Page - Texas Instruments CD74HC93 Datasheet HTML 7Page - Texas Instruments CD74HC93 Datasheet HTML 8Page - Texas Instruments CD74HC93 Datasheet HTML 9Page - Texas Instruments CD74HC93 Datasheet HTML 10Page - Texas Instruments CD74HC93 Datasheet HTML 11Page - Texas Instruments CD74HC93 Datasheet HTML 12Page - Texas Instruments CD74HC93 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
7 Detailed Description
7.1 Overview
The CD74HC93 and CD74HCT93 are high-speed silicon-gate CMOS devices and are pin-compatible with low
power Schottky TTL (LSTTL). These 4-bit binary ripple counters consist of four flip-flops internally connected
to provide a divide-by-two section and a divide-by-eight section. Each section has a separate clock input (CP0
and CP1) to initiate state changes of the counter on the HIGH to LOW clock transition. State changes of the
Qn outputs do not occur simultaneously because of internal ripple delays. Therefore, decoded output signals are
subject to decoding spikes and should not be used for clocks or strobes.
A gated AND asynchronous reset (MR1 and MR2) is provided which overrides both clocks and resets (clears) all
flip-flops.
Because the output from the divide-by-two section is not internally connected to the succeeding stages, the
device may be operated in various counting modes.
In a 4-bit ripple counter the output Q0 must be connected externally to input CP1. The input count pulses are
applied to clock input CP0. Simultaneous frequency divisions of 2, 4, 8, and 16 are performed at the Q0, Q1, Q2,
and Q3 outputs as shown in the function table. As a 3-bit ripple counter the input count pulses are applied to
input CP1.
Simultaneous frequency divisions of 2, 4, and 8 are available at the Q1, Q2, Q3 outputs. Independent use of the
first flipflop is available if the reset function coincides with the reset of the 3-bit ripple-through counter.
7.2 Functional Block Diagram
MR1
CP0
MR2
Shared control logic
D
Q
Q
R
D
Q
Q
R
D
Q
Q
R
D
Q
Q
R
Q0
CP1
Q1
Q2
Q3
R
R
R
Divide-by-two section
Divide-by-eight section
Figure 7-1. Functional Block Diagram
www.ti.com
CD74HC93, CD74HCT93
SCHS138D – NOVEMBER 1998 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: CD74HC93 CD74HCT93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com