Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC93 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74HC93
Description  CD74HC93, CD74HCT93 High-Speed CMOS Logic 4-Bit Binary Ripple Counter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC93 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC93 Datasheet HTML 3Page - Texas Instruments CD74HC93 Datasheet HTML 4Page - Texas Instruments CD74HC93 Datasheet HTML 5Page - Texas Instruments CD74HC93 Datasheet HTML 6Page - Texas Instruments CD74HC93 Datasheet HTML 7Page - Texas Instruments CD74HC93 Datasheet HTML 8Page - Texas Instruments CD74HC93 Datasheet HTML 9Page - Texas Instruments CD74HC93 Datasheet HTML 10Page - Texas Instruments CD74HC93 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
5.6 Switching Characteristics (continued)
Input tr, tf = 6ns. CL = 50pF unless otherwise noted
PARAMETER
VCC (V)
25°C
– 40°C to 85°C
– 55°C to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CPD
Power dissipation capacitance
25
10
19
pF
HCT TYPES
tPLH, tPHL CP0 to Q0
4.5
14
(1)
34
43
51
ns
tPLH, tPHL CP1 to Q1
4.5
34
43
51
ns
tPLH, tPHL CP1 to Q2
4.5
46
58
69
ns
tPLH, tPHL CP1 to Q3
4.5
24
(1)
58
73
87
ns
tPLH, tPHL MR1, MR2 to Qn
4.5
13
(1)
33
41
50
ns
tTLH, tTHL Output Transition time
4.5
15
19
22
ns
CIN
Input Capacitance
10
10
10
pF
CPD
Power dissipation capacitance
25
pF
(1)
CL = 15pF. VCC = 5.
www.ti.com
CD74HC93, CD74HCT93
SCHS138D – NOVEMBER 1998 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD74HC93 CD74HCT93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com