Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC93 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74HC93
Description  CD74HC93, CD74HCT93 High-Speed CMOS Logic 4-Bit Binary Ripple Counter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC93 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC93 Datasheet HTML 1Page - Texas Instruments CD74HC93 Datasheet HTML 2Page - Texas Instruments CD74HC93 Datasheet HTML 3Page - Texas Instruments CD74HC93 Datasheet HTML 4Page - Texas Instruments CD74HC93 Datasheet HTML 5Page - Texas Instruments CD74HC93 Datasheet HTML 6Page - Texas Instruments CD74HC93 Datasheet HTML 7Page - Texas Instruments CD74HC93 Datasheet HTML 8Page - Texas Instruments CD74HC93 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5.4 Electrical Characteristics
PARAMETER
TEST CONDITIONS(1)
VCC
(V)
TA = 25°C
– 40°C to 85°C
– 55°C to
125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
VIH
High level input voltage
2
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
V
6
4.2
4.2
4.2
V
VIL
Low level input voltage
2
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
V
6
1.8
1.8
1.8
V
VOH
High-level output voltage
IOH = – 20 μA
2
1.9
1.9
1.9
V
IOH = – 20 μA
4.5
4.4
4.4
4.4
V
IOH = – 20 μA
6
5.9
5.9
5.9
V
IOH = – 4 mA
4.5
3.98
3.84
3.7
V
IOH = – 5.2 mA
6
5.48
5.34
5.2
V
VOL
Low-level output voltage
IOL = 20 μA
2
0.1
0.1
0.1
V
IOL = 20 μA
4.5
0.1
10.1
0.1
V
IOL = 20 μA
6
0.1
0.1
0.1
V
IOL = 4 mA
4.5
0.26
0.33
0.4
V
IOL = 5.2 mA
6
0.26
0.33
0.4
V
II
Input leakage current
VCC or GND
6
±0.1
±1
±1
nA
ICC
Supply current
VCC or GND
6
8
80
160
μA
ICC
Supply-current change
One input at 0.5 V or
2.4 V, Other inputs at 0
or VCC
5.5
1.4
2.4
2.9
mA
Ci
Input capacitance
4.5 to
5.5
3
10
10
pF
HCT TYPES
VIH
High level input voltage
4.5 to
5.5
2
2
2
V
VIL
Low level input voltage
4.5 to
5.5
0.8
0.8
0.8
V
VOH
High level Output Voltage
IOH = – 20 μA
4.5
4.4
4.4
4.4
V
IOH = – 4 mA
4.5
3.98
3.84
3.7
V
VOL
Low level output voltage
IOH = 20 μA
4.5
0.1
0.1
0.1
V
IOH = 4 mA
4.5
0.26
0.33
0.4
V
II
Input leakage current
VCC or GND
5.5
±0.1
±1
±1
μA
ICC
Supply current
VCC or GND
5.5
8
80
160
μA
ΔICC (2)
(3)
Additional supply current
per input pin
CP0,CP1
4.5 to
5.5
100
216
270
294
μA
CLR1, CLR2
4.5 to
5.5
100
144
180
196
μA
(1)
VI = VIH or VIL, unless otherwise noted.
(2)
For dual-supply systems theorietical worst case (VI = 2.4 V, VCC = 5.5 V) specifications is 1.8 mA.
(3)
Inputs held at VCC – 2.1.
www.ti.com
CD74HC93, CD74HCT93
SCHS138D – NOVEMBER 1998 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD74HC93 CD74HCT93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com