Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACS102
Description  AC LINE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS102 Datasheet(HTML) 1 Page - STMicroelectronics

  ACS102 Datasheet HTML 1Page - STMicroelectronics ACS102 Datasheet HTML 2Page - STMicroelectronics ACS102 Datasheet HTML 3Page - STMicroelectronics ACS102 Datasheet HTML 4Page - STMicroelectronics ACS102 Datasheet HTML 5Page - STMicroelectronics ACS102 Datasheet HTML 6Page - STMicroelectronics ACS102 Datasheet HTML 7Page - STMicroelectronics ACS102 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
ACS102-5Tx
®
October 2001 - Ed: 7B
AC LINE SWITCH
TO-92
ACS102-5TA
s
Blocking voltage : VDRM /VRRM = 500V
s
Clamping voltage : VCL = 600 V
s
Nominal current : IT(RMS) = 0.2 A
s
Gate triggering current : IGT <5mA
s
Switch integrated driver
s
Triggering current is sourced by the gate
s
SO-8 package:
- drive reference COM connected to 2 cooling pins
- 3.5 mm creepage distance from pin OUT to other
pins
FEATURES
The ACS102 belongs to the AC line switch family
built around the ASD™ concept. This high perfor-
mance device is able to control an up to 0.3 A load
device.
The ACS™ switch embeds a high voltage clamp-
ing structure to absorb the inductive turn off energy
and a gate level shifter driver to separate the digital
controller from the main switch. It is triggered with
a negative gate current flowing out of the gate pin.
For further technical information, please refer to
AN1172 application note.
DESCRIPTION
OUT
COM
G
s
Needs no external overvoltage protection
s
Enables equipment to meet IEC61000-4-5 &
IEC 335-1
s
Reduces component count by up to 80 %
s
Interfaces directly with a microcontroller
s
Eliminates any stressing gate kick back on
microcontroller
s
Allows straightforward connection of several
ACS™ on same cooling pad.
BENEFITS
G
COM
OUT
ON
S
D
ACS102
FUNCTIONAL DIAGRAM
ASD™
AC Switch Family
SO-8
ACS102-5T1
NC
NC
COM
COM
G
NC
NC
OUT
s
AC on-off static switching in appliance &
industrial control systems
s
Drive of low power high inductive or resistive
loads like
- relay, valve, solenoid, dispenser
- pump, fan, micro-motor
- low power lamp bulb, door lock
MAIN APPLICATIONS
NC: Not Connected
ASD and ACS are a trademarks of STMicroelectronics.


Similar Part No. - ACS102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
AC switch family Transient protected AC switch ACSTM
05-Jan-2006
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
173Kb / 11P
AC switch family Transient protected AC switch (ACS)
07-Jun-2006
ACS102-6T1 STMICROELECTRONICS-ACS102-6T1 Datasheet
166Kb / 11P
AC switch family Transient protected AC switch ACSTM
05-Jan-2006
ACS102-6T1 STMICROELECTRONICS-ACS102-6T1 Datasheet
173Kb / 11P
AC switch family Transient protected AC switch (ACS)
07-Jun-2006
ACS102-6T1-TR STMICROELECTRONICS-ACS102-6T1-TR Datasheet
166Kb / 11P
AC switch family Transient protected AC switch ACSTM
05-Jan-2006
More results

Similar Description - ACS102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS108-5SX STMICROELECTRONICS-ACS108-5SX Datasheet
117Kb / 8P
AC LINE SWITCH
21-Jun-2005
ACS402-5SB4 STMICROELECTRONICS-ACS402-5SB4 Datasheet
84Kb / 6P
QUAD AC LINE SWITCH ARRAY
05-Apr-1000
ACS110-7SN STMICROELECTRONICS-ACS110-7SN Datasheet
116Kb / 10P
AC LINE SWITCH
Apr-2003
ACS120-7SB STMICROELECTRONICS-ACS120-7SB Datasheet
119Kb / 11P
AC LINE SWITCH
Apr-2003
ACS108-5SA STMICROELECTRONICS-ACS108-5SA Datasheet
126Kb / 8P
AC LINE SWITCH
21-Jun-2005
logo
Kersemi Electronic Co.,...
ACS110-7SN KERSEMI-ACS110-7SN Datasheet
439Kb / 10P
AC LINE SWITCH
ACS120-7SB KERSEMI-ACS120-7SB Datasheet
445Kb / 11P
AC LINE SWITCH
logo
XFMRS Inc.
XF0053V-00U2 XFMRS-XF0053V-00U2 Datasheet
38Kb / 1P
AC LINE FILTER
XF0153V-00U2 XFMRS-XF0153V-00U2 Datasheet
48Kb / 1P
AC LINE FILTER
logo
STMicroelectronics
ACS302 STMICROELECTRONICS-ACS302 Datasheet
496Kb / 12P
3-line overvoltage protected AC switch array
July 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com