Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS102 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACS102
Description  AC LINE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS102 Datasheet(HTML) 2 Page - STMicroelectronics

  ACS102 Datasheet HTML 1Page - STMicroelectronics ACS102 Datasheet HTML 2Page - STMicroelectronics ACS102 Datasheet HTML 3Page - STMicroelectronics ACS102 Datasheet HTML 4Page - STMicroelectronics ACS102 Datasheet HTML 5Page - STMicroelectronics ACS102 Datasheet HTML 6Page - STMicroelectronics ACS102 Datasheet HTML 7Page - STMicroelectronics ACS102 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACS102-5Tx
2/8
Symbol
Parameter
Value
Unit
VDRM /VRRM
Repetitive peak off-state voltage
Tj = 125 °C
500
V
IT(RMS)
RMS on-state current full cycle sine
wave 50 to 60 Hz
TO-92
Tamb = 100 °C
0.2
A
SO-8
Tamb = 100 °C
0.2
A
ITSM
Non repetitive surge peak on-state current
Tj initial = 25°C, full cycle sine wave
F =50 Hz
7.3
A
F =60 Hz
8
A
dI/dt
Critical rate of repetitive rise of on-state current
IG = 10mA with tr = 100ns
F =120 Hz
20
A/
µs
VPP
Non repetitive line peak pulse voltage
note 1
2kV
Tstg
Storage temperature range
- 40 to + 150
°C
Tj
Operating junction temperature range
- 30 to + 125
°C
Tl
Maximum lead temperature for soldering during 10s
260
°C
Note 1: according to test described by IEC61000-4-5 standard & Figure 3.
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
PG (AV)
Average gate power dissipation
0.1
W
IGM
Peak gate current (tp = 20µs)
1
A
VGM
Peak positive gate voltage (respect to the pin COM)
5
V
SWITCH GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
TO-92
150
°C/W
SO-8 *
150
°C/W
Rth (j-l)
Junction to leads for full AC line cycle conduction
TO-92
60
°C/W
* with 40mm2 copper (ex: 35
µm) surface under “com” pins
THERMAL RESISTANCES
Symbol
Test Conditions
Values
Unit
IGT
VOUT=12V
RL=140
Ω
Tj=25°C
MAX
5
mA
VGT
VOUT=12V
RL=140
Ω
Tj=25°C
MAX
0.9
V
VGD
VOUT=VDRM RL=3.3k
Ω
Tj=125°C
MIN
0.15
V
IH
IOUT= 100mA gate open
Tj=25°C
TYP
20
mA
MAX
tbd
IL
IG= 20mA
Tj=25°C
TYP
25
mA
MAX
tbd
VTM
IOUT = 0.3A
tp=380
µs
Tj=25°C
MAX
1.2
V
IDRM
IRRM
VOUT =VDRM
VOUT =VRRM
Tj=25°C
MAX
2
µA
Tj=125°C
MAX
200
dV/dt
VOUT=400V gate open
Tj=110°C
MIN
300
V/
µs
(dI/dt)c
*(Note 3)
(dV/dt)c = 5V/
µsIOUT > 0
Tj=110°C
MIN
0.1
A/ms
(dV/dt)c = 10V/
µsIOUT < 0
0.15
VCL
ICL = 1mA
tp=1ms
Tj=25°C
TYP
600
V
tbd = to be defined
ELECTRICAL CHARACTERISTICS
For either positive or negative polarity of pin OUT voltage respect to pin COM voltage excepted note 3*.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com