Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS102 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACS102
Description  AC LINE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS102 Datasheet(HTML) 3 Page - STMicroelectronics

  ACS102 Datasheet HTML 1Page - STMicroelectronics ACS102 Datasheet HTML 2Page - STMicroelectronics ACS102 Datasheet HTML 3Page - STMicroelectronics ACS102 Datasheet HTML 4Page - STMicroelectronics ACS102 Datasheet HTML 5Page - STMicroelectronics ACS102 Datasheet HTML 6Page - STMicroelectronics ACS102 Datasheet HTML 7Page - STMicroelectronics ACS102 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACS102-5Tx
3/8
The ACS102 device is well adapted to washing machines, dish washers, tumble driers, refrigerators, water
heaters, and cookware. It has been designed especially to switch on & off low power loads such as sole-
noids, valves, relays, dispensers, micro-motors, pumps, fans, door locks, and low power lamps bulbs.
Pin COM
: Common drive reference, to connect to the power line neutral
Pin G
: Switch Gate input to connect to the digital controller through a resistor
Pin OUT
: Switch Output, to connect to the load
This ACS™ switch is triggered with a negative gate current flowing out of the gate pin G. It can be driven di-
rectly by the digital controller through a resistor as shown on the typical application diagram. No protection
device are required between the gate and COM terminals.
The SO-8 version allows to connect several ACS102 devices on the same cooling PCB pad which is the
COM pin.
In appliance systems, the ACS102 switch intends to drive low power loads in full cycle ON / OFF mode.
The turn off commutation characteristics of these loads are described in Table 1.
Thanks to its thermal and turn-off commutation characteristics, the ACS102 switch drives a load, such as
door lock, lamp, relay, valve and micro motor, up to 0.2A without any turn-off aid circuit. Switching off the
ACS within one full AC line cycle will extend its current up to 0.3 A.
AC LINE SWITCH BASIC APPLICATION
LOAD
Load IRMS
current
(A)
POWER
FACTOR
(dI/dt)c
(A/ms)
(dV/dt)c
(V/
µs)
TURN-OFF
DELAY
(ms)
Door lock, lamp
< 0.2
1
< 0.1
< 0.15
< 10
Relay Valve
Dispenser
Micro-motor
< 0.2
> 0.7
< 0.1
< 5
< 10
Pump Fan
< 0.3
> 0.2
< 0.15
< 10
< 20
Table 1: Low power load turn off commutation requirement (230V AC applications).
AC
MAINS
L
N
ST 72 MCU
LOAD
-Vcc
L
R
G
COM
OUT
ACS102
ON
S
D
TYPICAL APPLICATION DIAGRAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com