Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS102 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACS102
Description  AC LINE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS102 Datasheet(HTML) 4 Page - STMicroelectronics

  ACS102 Datasheet HTML 1Page - STMicroelectronics ACS102 Datasheet HTML 2Page - STMicroelectronics ACS102 Datasheet HTML 3Page - STMicroelectronics ACS102 Datasheet HTML 4Page - STMicroelectronics ACS102 Datasheet HTML 5Page - STMicroelectronics ACS102 Datasheet HTML 6Page - STMicroelectronics ACS102 Datasheet HTML 7Page - STMicroelectronics ACS102 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACS102-5Tx
4/8
At the end of the last conduction half-cycle, the load current reaches the holding current level IH, and the
ACS™ switch turns off. Because of the inductance L of the load, the current flows through the avalanche
diode D and decreases linearly to zero. During this time, the voltage across the switch is limited to the
clamping voltage VCL.
The energy stored in the inductance of the load depends on the holding current IH and the inductance (up
to 10 H); it can reach about 20 mJ and is dissipated in the clamping diode section. The ACS™ switch sus-
tains the turn off energy, because its clamping section is designed for that purpose.
HIGH INDUCTIVE SWITCH-OFF OPERATION
T
ime (400µs/div)
IOUT
(10 mA/div)
VOUT
(200V/div)
IH
VCL = 650V
Fig. 1: Turn-off operation of the ACS102 switch
with an electro valve: waveform of the gate current
IG, pin OUT current IOUT & voltage VOUT.
IH
VCL
IOUT
VOUT
Fig. 2: ACS102 switch static characteristic.
The ACS102 switch is able to withstand safely the AC line transient voltages either by clamping the low en-
ergy spikes or by breaking over under high energy shocks.
The test circuit of the figure 3 is representative of the final ACS™ application and is also used to stress the
ACS™ switch according to the IEC61000-4-5 standard conditions. Thanks to the load, the ACS™ switch
withstands the voltage spikes up to 2 kV above the peak line voltage. It will break over safely even on resis-
tive load where the turn on current rate of increase is high as shown on figure 4. Such non repetitive test
can be done 10 times on each AC line voltage polarity.
AC LINE TRANSIENT VOLTAGE RUGGEDNESS
RL
RG= 220
VAC +VPP
AC LINE &
SURGE VOLTAGE
GENERATOR
G
COM
OUT
ACSxx
ON
S
D
Fig. 3: Overvoltage ruggedness test circuit for
resistive and inductive loads according to
IEC61000-4-5 standard.
R = 150
Ω,L=5µH, VPP = 2kV.
Vout (200 V/div)
Iout (2.5 A/div)
dI/dt = 70 A/µs
Fig. 4: Current and Voltage of the ACS™ during
IEC61000-4-5 standard test withR=150
Ω,L=5µH
&VPP = 2kV.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com