Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2913 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC2913
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC2913 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC2913 Datasheet HTML 2Page - Texas Instruments UCC2913 Datasheet HTML 3Page - Texas Instruments UCC2913 Datasheet HTML 4Page - Texas Instruments UCC2913 Datasheet HTML 5Page - Texas Instruments UCC2913 Datasheet HTML 6Page - Texas Instruments UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments UCC2913 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
6
www.ti.com
APPLICATION INFORMATION
Typical Fault Mode
Figure 1 shows the detailed circuitry for the fault timing function of the UCCx913. This initial discussion of the
typical fault mode ignores the overload comparator, and current source I3. Once the voltage across the current
sense resistor, RS, exceeds 50 mV, a fault has occurred. This causes the timing capacitor to charge with a
combination of 36
µA plus the current from the power limiting amplifier. The PL amplifier is designed to source
current into the CT pin only and to begin sourcing current once the voltage across the output FET exceeds 5 V.
The current IPL is related to the voltage across the FET with the following expression:
I
PL +
V
FET * 5V
R
PL
where VFET is the voltage across the N-channel MOSFET pass device.
(How this feature limits average power dissipation in the pass device is described in further detail in the following
sections). Note that under a condition where the output current is more than the fault level, but less than the
maximum level, VOUT ≈ VSS (input voltage), IPL = 0, the CT charging current is 36 µA.
UDG–99004
8
5
6
4
OVERCURRENT
COMPARATOR
PL
+
–
SENSE
VSS
VSS
INPUT VOLTAGE
OUTPUT
LOAD
I1
+
–
SQ
Q
R
H=CLOSE
I2
I3
1mA
+
–
SENSE
IMAX
+
–
+
–
H=CLOSE
0.5 V
2.5 V
CT
VSS
TO OUTPUT
DRIVE
H=OFF
OVERLOAD COMPARATOR
CT
FAULT TIMING CIRCUITRY
0.2 V
50 mV
VDD
RPL
RS
5.0 V
1
µA
36
µA
Figure 1. Fault Timing Circuitry Including Power Limit and Overload Comparator
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com