Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2913 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC2913
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC2913 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC2913 Datasheet HTML 4Page - Texas Instruments UCC2913 Datasheet HTML 5Page - Texas Instruments UCC2913 Datasheet HTML 6Page - Texas Instruments UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments UCC2913 Datasheet HTML 10Page - Texas Instruments UCC2913 Datasheet HTML 11Page - Texas Instruments UCC2913 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
8
www.ti.com
APPLICATION INFORMATION
Determining External Component Values (See FIgure 2)
To set RVDD the following must be achieved:
V
IN(min)
R
VDD
u
10 V
(R1
) R2)
) 2mA
In order to estimate the minimum timing capacitor, CT, several things must be taken into account. For example,
given the schematic below as a possible (and at this point, a standard) application, certain external component
values must be known in order to estimate CT(min).
Then use the given the values of COUT, Load, RSENSE, VSS, and the resistors determining the voltage on the
IMAX pin, to calculate the approximate startup time of the node VOUT. This startup time must be faster than the
time it takes for CT to charge to 2.5 V (relative to VSS), and is the basis for estimating the minimum value of
CT. In order to determine the value of the sense resistor, RSENSE, assuming the user has determined the fault
current, RSENSE can be calculated by:
R
SENSE +
50 mV
I
FAULT
Next, calculate the variable IMAX. IMAX is the maximum current that the device allows through the transistor, M1,
and during startup with an output capacitor the power MOSFET, M1, can be modeled as a constant current
source of value IMAX where:
I
MAX +
V
IMAX
R
SENSE
where VIMAX = voltage on IMAX pin.
UDG–03045
RVDD
COUT
Note: LOAD = ILOAD For Current Source Load
LOAD = ROUT For Resistive Load
RPL
RSENSE
2
8
7
6
5
PL
OUT
SENSE
VSS
IMAX
UCC3913
3
VDD
VSS
LOAD
R1
R2
M1
VOUT
Figure 2. External Component Connections
(11)
(12)
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com