Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2913 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC2913
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC2913 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC2913 Datasheet HTML 6Page - Texas Instruments UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments UCC2913 Datasheet HTML 10Page - Texas Instruments UCC2913 Datasheet HTML 11Page - Texas Instruments UCC2913 Datasheet HTML 12Page - Texas Instruments UCC2913 Datasheet HTML 13Page - Texas Instruments UCC2913 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
10
www.ti.com
APPLICATION INFORMATION
UDG–99002
VDD
RVDD
50
Ω
1
2
LINEAR
CURRENT
AMPLIFIER
PL
7
OUT
+
–
+
–
IMAX
8
+
–
6
SENSE
5
VSS
4
CT
ON–TIME
CONTROL
3
VDD
UVLO
5.0 V
REF
LOGIC
SUPPLY
+
–
SOURCE
ONLY
SD/FLT
R2
VSS
R1
OUTPUT
VSS
FAULT=
50 mV
DISABLE
9.5 SHUNT
REGULATOR
1 = UNDERVOLTAGE
VDD
RT
RS
CT
VDD
CSS
CVDD
20
µA
Figure 3. Typical Application Diagram
To calculate the startup time using the current source load.
t
START +
C
OUT
|VSS|
I
MAX * ILOAD
To calculate the startup time using the resistive load.
t
START + COUT
R
OUT
ln
I
MAX
R
OUT
I
MAX
R
OUT * |VSS|
(14)
(15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com