Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2913 Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC2913
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC2913 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments UCC2913 Datasheet HTML 10Page - Texas Instruments UCC2913 Datasheet HTML 11Page - Texas Instruments UCC2913 Datasheet HTML 12Page - Texas Instruments UCC2913 Datasheet HTML 13Page - Texas Instruments UCC2913 Datasheet HTML 14Page - Texas Instruments UCC2913 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
11
www.ti.com
APPLICATION INFORMATION
Once tSTART is calculated, the power limit feature of the UCCx913 must be addressed and component values
derived. Assuming the designer chooses to limit the maximum allowable average power that is associated with
the circuit breaker, the power limiting resistor, RPL, can be easily determined by the following:
R
PL +
P
FET(avg)
1
mA
I
MAX
where a minimum RPL exists defined by
R
PL(min) +
|VSS|
10mA
Finally, after computing the aforementioned variables, the minimum timing capacitor can be derived for a current
source load with the following equation.
C
T(min) +
t
START
98
mA
R
PL ) |VSS| * 10 V
4V
R
PL
The minimum timing capacitor can be derived for a resistive load with the following equation.
C
T(min) +
t
START
49
mA
R
PL ) |VSS| * 5V * IMAX
R
OUT ) ROUT
C
OUT
|VSS|
2V
R
PL
Figure 4. Possible Level Shift Circuitry Interface
UDG–99003
SHUTDOWN
SD/FLT
7
R4
R3
VSS
LEVEL SHIFT
LOCAL VDD
LOCAL GND
FAULT OUT
UCC2913
UCC3913
0
2.5
0
75
5.0
10.0
7.5
12.5
17.5
15.0
20.0
25.0
22.5
25
50
100
175
125
150
200
Figure 5
IMAX = 4 A
RPL = ∞
VFET – MOSFET Voltage– V
AVERAGE POWER DISSIPATION
vs
MOSFET VOLTAGE
RPL = 10 MΩ
RPL = 5 MΩ
RPL = 2 MΩ
RPL = 1 MΩ
RPL = 500 kΩ
RPL = 200 kΩ
(16)
(17)
(18)
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com