Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS450 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # FS450
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS450 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button FS450 Datasheet HTML 35Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 36Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 37Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 38Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 39Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 40Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 41Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 42Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
39
COPYRIGHT
©
© 1999,2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2.20 Miscellaneous Bits Registers 46 and 47
Miscellaneous Bits Register 46
7
6
5
4
3
2
1
0
RGB_SETUP
RGB_SYNC2
RGB_SYNC1
RGB_SYNC0
YC_DELAY2
YC_DELAY1
YC_DELAY0
CVBS_EN
Miscellaneous Bits Register 47
7
6
5
4
3
2
1
0
0
0
0
0
CHR_BW1
COMP_YUV
COMP_GAIN1
COMP_GAIN0
Reg
Bit#
Bit Name
Description
46
0
CVBS_EN
CVBS Enable. Enables composite and luma outputs.
46
3-1
YC_DELAY2-0
YC Delay. Relative pipeline delay between luma and chroma
outputs (4=0 clock; 0=luma lags chroma by 4 clocks; 7=chroma
lags luma by 3 clocks).
46
6-4
RGB_SYNC2-0
RGB Sync. Provide sync to RGB components: [2]=1, sync on
red; [1]=1, sync on green; [0]=1, sync on blue.
46
7
RGB_SETUP
RGB Setup. Provide black level (0) or blank level (1) setup for
RGB outputs..
47
1-0
COMP_GAIN1-0
Composite Chroma Gain. Percentage of chroma used in
composite output: 00=100%, 01=25%, 10=50%, 11=75%.
47
2
COMP_YUV
Component YUV. Enables bypass on the RGB inputs sending
component data YUV through.
47
3
CHR_BW1
Chroma Filter Bandwidth Control. 00=narrow, 01=wide,
10=extra wide, 11=ultra wide (see Miscellaneous Bit Register 74
for bit 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com