Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS450 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # FS450
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS450 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button FS450 Datasheet HTML 48Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 49Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 50Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 51Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 52Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 53Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 54Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 55Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
52
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
7. Design and Layout Considerations
Careful circuit design and layout are key factors that insure a successful implementation of the FS450 in a
product. The following guidelines will help insure that your design yields the best possible results.
7.1 Pixel Phase Lock Loop
•
The analog supply for the Pixel PLL should always be clean and noise free to insure minimum jitter in
the PLL. Do not power other circuitry from the PLL supply.
•
The supply line VDDPA should be decoupled with a series resistor of 150
W and a 4.7µF tantalum
capacitor. If 50/60Hz ripple is an issue, consider using 47 or 100
µF. Always have a 1000pF to 0.1µF
capacitor to remove high frequency noise.
•
Use a solid ground plane under the FS450.
7.2 Video Output Filters
•
To reduce step noise on the D/A converter outputs, and to lower EMI, consider placing the 75
W
termination resistors and the first capacitor of the output filter close to the video output pins of the
FS450.
7.3 Analog Power Supply Bypassing, Filtering, and Isolation
•
When possible, it is recommended that the analog supply voltages be fed from a linear voltage regulator.
Switching power supply noise, and noise from the digital plane can induce visible artifacts into the
displayed video. Always provide sufficient filtering and high frequency bypassing to insure that power
supply noise is minimized for visual as well as EMI reasons.
•
It is recommended that each power supply section be isolated with a ferrite bead and a 4.7
µF capacitor.
Where the power pins are so close together that the 0.1
µF bypass capacitors are adjacent, consider
changing one of the adjacent capacitors to 100 to 1000pF to reduce higher frequency noise on the
power supply.
7.4 Power and Ground
•
Within the FS450, separate power is routed to functional sections: phase locked loop, D/A converters,
digital processors and digital drivers. All ground pins should be connected to a common ground plane.
Power pins should be segregated into analog and digital sections.
•
Clean analog power should be applied to the VDDPA, VDDOSC, and VDDDA pins. A 0.1
µF capacitor should
be placed adjacent to each group of pins. The capacitor connected to CBYPASS is critical, and it must be
connected to VDDDA to minimize noise at the D/A converter outputs. Chip capacitors are recommended.
•
Digital power may be derived from system digital +3.3 volts. If necessary insert a ferrite bead in series
with the supply trace. A 47
µF capacitor should be placed across the common +3.3 VDC for V
DD and
VDDDA to act as a reservoir for heavy currents drawn by D/A converters and internal memories. At least
one 0.1
µF capacitor should be located adjacent to V
DD pins along each side of the FS450 to supply
transient currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com