Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS450 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # FS450
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS450 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button FS450 Datasheet HTML 51Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 52Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 53Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 54Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 55Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 56Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 57Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 58Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
55
COPYRIGHT
©
© 1999,2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
8. Specifications
8.1 Absolute Maximum and Recommended Ratings
(beyond which the device may be damaged)1
Parameter
Min
Rec.
Max
Unit
Power Supply Voltages
VDD (Measured to VSS)
-0.3
3.0-3.6
3.8
V
VDDAD (Measured to VSSAD)
-0.3
3.0-3.6
3.8
V
VDDPA and VDDPF (Measured to VSSPA and VSSPF)
-0.3
3.0-3.6
3.8
V
VDDDA (Measured to VSSDA)
-0.3
3.0-3.6
3.8
V
VSSAD, VSSPA, VSS, VSSPA, VSSDA (delta)
-0.3
0.3
V
Digital Inputs
3.3 V logic applied voltage (Measured to VSS)2
-0.3
0-VDD
VDD + 0.3
V
Forced current 3, 4
-10.0
10.0
mA
Analog Inputs
Applied Voltage (Measured to VSSAD)2
-0.3
0-VDD
VDDDA + 0.3
V
Forced current 3, 4
-10.0
10.0
mA
Digital Outputs
3.3 V logic applied voltage (Measured to VSS)2
-0.3
0-VDD
VDD + 0.3
V
Forced current 3, 4
-6.0
6.0
mA
Short circuit duration (single output in HIGH state to
ground)
1
second
Temperature
Operating, Ambient (RL=37.5
Ω)
0
65
°C
Operating, Ambient (RL=75
Ω)
0
70
°C
Junction
125
°C
Thermal Resistance Junction to Ambient (typical), ØJA
56
°C/W
Thermal Resistance Junction to Case (typical), ØJC
5
°C/W
Lead Soldering (10 seconds)
300
°C
Vapor Phase Soldering (1 minute)
1
220
°C
Storage
1
-40
125
°C
Electrostatic
Electrostatic Discharge5
±150
V
Notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed
only if Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current flowing into the device.
5. EIAJ test method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com