Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS450 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # FS450
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS450 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button FS450 Datasheet HTML 44Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 45Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 46Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 47Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 48Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 49Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 50Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 51Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
48
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2.37 Misc. Bit Reg. 80, WSS Clock (81-82), WSS Data F1(83-85)
Miscellaneous Bit Register 80
7
6
5
4
3
2
1
0
0
WSS_F1EN
WSSF0_EN
WSS_TYPE
WSS_CLKBY
WSS_EDGE1
WSS_EDGE0
0
WSS Clock (81)
7
6
5
4
3
2
1
0
WSS_CLK11
WSS_CLK10
WSS_CLK9
WSS_CLK8
WSS_CLK7
WSS_CLK6
WSS_CLK5
WSS_CLK4
WSS Clock (82)
7
6
5
4
3
2
1
0
0
0
0
0
WSS_CLK3
WSS_CLK2
WSS_CLK1
WSS_CLK0
WSS Data Field 1 (83)
7
6
5
4
3
2
1
0
WSS_DATF019
WSS_DATF018
WSS_DATF017
WSS_DATF016
WSS_DATF015
WSS_DATF014
WSS_DATF013
WSS_DATF012
WSS Data Field 1 (84)
7
6
5
4
3
2
1
0
WSS_DATF011
WSS_DATF010
WSS_DATF09
WSS_DATF08
WSS_DATF07
WSS_DATF06
WSS_DATF05
WSS_DATF04
WSS Data Field 1 (85)
7
6
5
4
3
2
1
0
0
0
0
0
WSS_DATF03
WSS_DATF02
WSS_DATF01
WSS_DATF00
Reg
Bit#
Bit Name
Description
80
2-1
WSS_EDGE1-0
WSS Edge Rate Control. Edge rates are proportional to the
frequency of the WSS clock, but can also be scaled by the
WSS_EDGE parameter. Higher numbers indicate faster rise
and fall times on the WSS pulses.
80
3
WSS_CLKBY
WSS Clock Bypass. Typically this is set=1 in NTSC and 0 in
PAL. =1 Causes the chroma clock to be used as the WSS
clock, =0 forces the local 12-bit WSS clock to be used.
80
4
WSS_TYPE
WSS Type. 1=PAL, ITU-R BT.1119-2, 0=NTSC, EIAJ CPR-
1204
80
5
WSSF0_EN
WSS Field 0 Enable. Enables WSS signal in Field 0.
80
6
WSSF1_EN
WSS Field 1 Enable. Enables WSS signal in Field 1.
81, 82
7-0, 3-0
WSS_CLK11-0
WSS Clock Frequency. Calculated from:
WSS Clock Frequency / Encoder Clock Frequency.
83,84,85
7-0,7-0,3-0
WSS_DATAF119-0
WSS Data for Field 1. A waveform only appears when
WSSF1_EN=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com