Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90609EEA-R2 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # MLX90609EEA-R2
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90609EEA-R2 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MLX90609EEA-R2 Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 13Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 14Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 15Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 16Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 17Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 18Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 19Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 16 of 22
Data Sheet
Rev 007
January/08
Figure 6-2. MLX90609 with
analog output only
If only an analog output signal is required, the MLX90609 doesn’t need to communicate through the
SPI pins. All other pins continue to be used as described above.
Figure 6-3. MLX90609 with
digital output only
If only a digital output signal is required the MLX90609 uses the SPI to send the temperature and
the angular rate in a digital format. The operation mode only through the SPI allows a reduction of
cost and complexity in the interfacing to system microcontroller or microprocessor. All the pins in
the above schematics continue to be used as described above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com