Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90609EEA-R2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MLX90609EEA-R2
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90609EEA-R2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MLX90609EEA-R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 5 of 22
Data Sheet
Rev 007
January/08
3. MLX90609 General Electrical Specifications
DC Operating Parameters TA = -40°C to 85°C, VDD = 4.75V to 5.25V.
Parameter.
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
4.75
5.25
V
Supply Current
IDD
No output load
16
20
mA
Output capacitive load to VDD or VSS
Analog output
0
100
pF
Output resistive load
Analog output
200k
∞
Ohm
Output, max
max
,Ω
OUT
U
Analog output
4.5
V
Output, min
min
, Ω
OUT
U
Analog output
0.5
V
Voltage Reference load current Note 3
IREF
Analog output
-10
10
µA
Logic Input, Low Voltage
VIL
SS , MOSI
0
0.3 x VDD
V
Logic Input, High Voltage
VIH
SS , MOSI
0.7 x VDD
VDD
V
Clock Input, Low Voltage
VILC
SCLK
0
0.8
V
Clock Input, High Voltage
VIHC
SCLK
2.8
VDD
V
Clock Input, Hysteresis Voltage
VHC
SCLK
1.1
V
Logic Output, Low Voltage
VOL
MISO, ERROR, IO < 8 mA
0
0.4
V
Logic Output, High Voltage
VOH
MISO, ERROR, IO < 8 mA
2.4
VDD
V
Input high current with pull-up
IIH_UP
SS , SCLK, VIN = VDD
-10
10
µA
Input low current with pull-up
IIL_UP
SS , SCLK, VIN = VSS
-10
-200
µA
Input high current with pull-down
IIH_DOWN
MOSI, VIN = VDD
200
10
µA
Input low current with pull-down
IIL_DOWN
MOSI, VIN = VSS
-10
10
µA
Tri-State Output Leakage current
IOZ
MISO
-10
10
µA
Table 3. DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com