Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90609EEA-R2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MLX90609EEA-R2
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90609EEA-R2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MLX90609EEA-R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 1 of 22
Data Sheet
Rev 007
January/08
Standard Features and Benefits
High resolution and dynamic range
Both digital (SPI) and analog outputs
Low acceleration and angular rate cross
sensitivity
Low zero rate output drift
Cost effective and compact solution
High-performance MEMS sensor in mono
crystalline Si yielding a superior long term
behavior reliability and dynamic range
Programmable bandwidth
Factory set full scale range
On chip EEPROM calibration
Small footprint (SMD CLCC32) with horizontal
mounting
Operating temperature range: -40°C to 85°C
Application
Navigation (dead reckoning)
Vehicle stability
Robots
The MLX90609 has various build in features to support automotive and high volume applications
(built-in on demand and non disruptive continuous self test, serial number in EEPROM…). These
types of applications needs close cooperation between the customer and Melexis. Please contact
Melexis in case you have such an application.
Ordering Information
Part No.
Temperature Code
Package Code
Option code
Full Scale Range
MLX90609EEA-N2
E (-40°C to 85°C)
EA (CLCC32)
N2
±75 °/s
MLX90609EEA-E2
E (-40°C to 85°C)
EA (CLCC32)
E2
±150 °/s
MLX90609EEA-R2
E (-40°C to 85°C)
EA (CLCC32)
R2
±300 °/s
Note: Other Full Scale Ranges can be provided. Please contact Melexis.
Functional Diagram
General Description
The MLX90609 Angular Rate Sensor is a full
gyroscopic system. A single SMD package
contains a high performance silicon micro
machined sensor with signal conditioning
circuitry. It operates from 5V supply and is
designed
for
demanding
automotive
applications.
The MLX90609 delivers two output signals
proportional to the angular rate perpendicular
to the assembly surface. One of the output
signals is in an analog voltage format (the
output is 2.5V at zero angular rate and the full
scale angular rate produces an output of 4.5V
or 0.5V depending on direction of rotation)
and the other one is in digital SPI format.


Similar Part No. - MLX90609EEA-R2

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90609EEA-R2 MELEXIS-MLX90609EEA-R2 Datasheet
540Kb / 22P
Angular Rate Sensor (Standard version)
More results

Similar Description - MLX90609EEA-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
Low Noise, Angular Rate Sensor
11/06-Rev. 0 to Rev. A
logo
Melexis Microelectronic...
MLX90609 MELEXIS-MLX90609 Datasheet
540Kb / 22P
Angular Rate Sensor (Standard version)
logo
Analog Devices
ADIS16130 AD-ADIS16130 Datasheet
373Kb / 16P
Digital Output, High-Precision Angular Rate Sensor
REV. 0
logo
List of Unclassifed Man...
SDG1000 ETC2-SDG1000 Datasheet
223Kb / 2P
MEMS Angular Rate Sensor
logo
Analog Devices
ADIS16135 AD-ADIS16135 Datasheet
430Kb / 20P
Precision Angular Rate Sensor
REV. 0
ADIS16133 AD-ADIS16133 Datasheet
415Kb / 20P
짹1200째/sec Precision Angular Rate Sensor
REV. 0
ADIS16136 AD-ADIS16136 Datasheet
446Kb / 20P
짹450째/Sec Precision Angular Rate Sensor
REV. A
ADIS16120 AD-ADIS16120_15 Datasheet
390Kb / 12P
Low Noise, Angular Rate Sensor
REV. B
ADIS16133 AD-ADIS16133_15 Datasheet
504Kb / 20P
Precision Angular Rate Sensor
REV. D
ADIS16137 AD-ADIS16137 Datasheet
452Kb / 20P
짹1000째/Sec Precision Angular Rate Sensor
2/14-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com