Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90609EEA-R2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MLX90609EEA-R2
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90609EEA-R2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MLX90609EEA-R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90609EEA-R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 4 of 22
Data Sheet
Rev 007
January/08
2. Pin Definitions and Descriptions
Figure 2-1. MLX90609 pin-out
Group
Pin Name
Function
VSS
Digital ground 0V
VDD
Digital 5V
VDDA
Analog Supply 5V
Power Supply Pins
VSSA
Analog ground, 0V, externally tied to digital ground
SCLK
Clock for serial data transfer, In, digital
MISO
Master In, Slave Out
MOSI
Master Out, Slave In
Serial Communication Pins
SS
Slave/Chip select (active low)
TEST
Test-mode control pin (internal pull-down,
In application tight to ground for EMC reasons)
TESTIN
In application tight to ground for EMC reasons
Factory Test Pins
TESTOUT
Do not connect
SELFTEST
User on request self test input (for automotive applications)
User Diagnostic Pins
ERROR
Continuous self test output (for automotive applications)
OUTAR
Analog angular rate output
Output Pins
OUTTEMP
Analog output of the temperature sensing module
VREF
2.5V Output reference voltage
HVIN
High voltage filter capacitor
FLT
External capacitor for bandwidth setting
TOPCAP
Tie to VSSA
CASE
Tie to VSSA
NC
Tie to VSSA
General purpose pins
FLT
External capacitor for bandwidth setting
Table 2. MLX90609 Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com