Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5MP645YFPR Datasheet(PDF) 3 Page - Texas Instruments

Part # TS5MP645YFPR
Description  TS5MP645 4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5MP645YFPR Datasheet(HTML) 3 Page - Texas Instruments

  TS5MP645YFPR Datasheet HTML 1Page - Texas Instruments TS5MP645YFPR Datasheet HTML 2Page - Texas Instruments TS5MP645YFPR Datasheet HTML 3Page - Texas Instruments TS5MP645YFPR Datasheet HTML 4Page - Texas Instruments TS5MP645YFPR Datasheet HTML 5Page - Texas Instruments TS5MP645YFPR Datasheet HTML 6Page - Texas Instruments TS5MP645YFPR Datasheet HTML 7Page - Texas Instruments TS5MP645YFPR Datasheet HTML 8Page - Texas Instruments TS5MP645YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
2
3
4
5
6
A
B
C
D
E
F
Not to scale
VDD
GND
DA4N
DA4P
OE
SEL
DB4N
DB4P
DA3N
DA3P
D4N
D4P
DB3N
DB3P
NC
NC
D3N
D3P
DB2N
DB2P
DA2N
DA2P
D2N
D2P
DB1N
DB1P
DA1N
DA1P
D1N
D1P
CLKBN
CLKBP
CLKAN
CLKAP
CLKN
CLKP
3
TS5MP645
www.ti.com
SCDS385B – JANUARY 2018 – REVISED JULY 2018
Product Folder Links: TS5MP645
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DSBGA Package
36 Pin (YFP)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VDD
A1
PWR
Power supply input
GND
A2
GND
Device Ground
DA4N
A3
I/O
Differential I/O
DA4P
A4
I/O
Differential I/O
OE
A5
I
Output enable (Active Low)
SEL
A6
I
Channel Select
DB4N
B1
I/O
Differential I/O
DB4P
B2
I/O
Differential I/O
DA3N
B3
I/O
Differential I/O
DA3P
B4
I/O
Differential I/O
D4N
B5
I/O
Differential I/O
D4P
B6
I/O
Differential I/O
DB3N
C1
I/O
Differential I/O
DB3P
C2
I/O
Differential I/O
NC
C3
-
No connect
NC
C4
-
No connect
D3N
C5
I/O
Differential I/O
D3P
C6
I/O
Differential I/O
DB2N
D1
I/O
Differential I/O
DB2P
D2
I/O
Differential I/O
DA2N
D3
I/O
Differential I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com