Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5MP645YFPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TS5MP645YFPR
Description  TS5MP645 4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5MP645YFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS5MP645YFPR Datasheet HTML 5Page - Texas Instruments TS5MP645YFPR Datasheet HTML 6Page - Texas Instruments TS5MP645YFPR Datasheet HTML 7Page - Texas Instruments TS5MP645YFPR Datasheet HTML 8Page - Texas Instruments TS5MP645YFPR Datasheet HTML 9Page - Texas Instruments TS5MP645YFPR Datasheet HTML 10Page - Texas Instruments TS5MP645YFPR Datasheet HTML 11Page - Texas Instruments TS5MP645YFPR Datasheet HTML 12Page - Texas Instruments TS5MP645YFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Frequency (Hz)
100000
1000000
1E+7
1E+8
1E+9
1E+10
-120
-100
-80
-60
-40
-20
0
D002
Off Isolation
Frequency (Hz)
200000 1000000
1E+7
1E+8
1E+9
1E+10
-120
-100
-80
-60
-40
-20
0
D003
Crosstalk
Input Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.5
2
2.5
3
3.5
4
4.5
D004
RON (-40°C)
RON (25°C)
RON (85°C)
Frequency (Hz)
300000
1E+7
1E+8
1E+9
1E+10
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
D001
Bandwidth
Input Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.5
2
2.5
3
3.5
4
4.5
D003
RON (-40°C)
RON (25°C)
RON (85°C)
Input Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.5
2
2.5
3
3.5
4
4.5
D002
RON (-40°C)
RON (25°C)
RON (85°C)
9
TS5MP645
www.ti.com
SCDS385B – JANUARY 2018 – REVISED JULY 2018
Product Folder Links: TS5MP645
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.6 Typical Characteristics
Figure 1. RON vs Input Voltage. VDD = 1.65 V
Figure 2. RON vs Input Voltage. VDD = 3.3 V
Figure 3. RON vs Input Voltage. VDD = 5.5 V
Figure 4. Differential Bandwidth
Figure 5. Off Isolation
Figure 6. Differential Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com