Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5MP645YFPR Datasheet(PDF) 30 Page - Texas Instruments

Part # TS5MP645YFPR
Description  TS5MP645 4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5MP645YFPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TS5MP645YFPR Datasheet HTML 25Page - Texas Instruments TS5MP645YFPR Datasheet HTML 26Page - Texas Instruments TS5MP645YFPR Datasheet HTML 27Page - Texas Instruments TS5MP645YFPR Datasheet HTML 28Page - Texas Instruments TS5MP645YFPR Datasheet HTML 29Page - Texas Instruments TS5MP645YFPR Datasheet HTML 30Page - Texas Instruments TS5MP645YFPR Datasheet HTML 31Page - Texas Instruments TS5MP645YFPR Datasheet HTML 32Page - Texas Instruments TS5MP645YFPR Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.5 MAX
0.19
0.13
2
TYP
2 TYP
0.4 TYP
0.4 TYP
36X
0.25
0.21
B
E
A
D
4222013/A 04/2015
DSBGA - 0.5 mm max height
YFP0036
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
B
C
D
1
2
3
0.015
C A
B
E
5
4
F
SYMM
SYMM
6
SCALE 4.700
D: Max =
E: Max =
2.45 mm, Min =
2.45 mm, Min =
2.39 mm
2.39 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com