Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5MP645YFPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TS5MP645YFPR
Description  TS5MP645 4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5MP645YFPR Datasheet(HTML) 1 Page - Texas Instruments

  TS5MP645YFPR Datasheet HTML 1Page - Texas Instruments TS5MP645YFPR Datasheet HTML 2Page - Texas Instruments TS5MP645YFPR Datasheet HTML 3Page - Texas Instruments TS5MP645YFPR Datasheet HTML 4Page - Texas Instruments TS5MP645YFPR Datasheet HTML 5Page - Texas Instruments TS5MP645YFPR Datasheet HTML 6Page - Texas Instruments TS5MP645YFPR Datasheet HTML 7Page - Texas Instruments TS5MP645YFPR Datasheet HTML 8Page - Texas Instruments TS5MP645YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TS5MP645
4-Data Lane
MIPI Switch
VDD
2.2 µF
1.65 V ± 5.5 V
100 nF
Processor
MIPI Module 1
MIPI Module 2
SEL
/OE
CLK
Data[1:4]
CLK
Data[1:4]
CLK
Data[1:4]
Copyright © 2018, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TS5MP645
SCDS385B – JANUARY 2018 – REVISED JULY 2018
TS5MP645 4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
1
1 Features
1
•
Supply Range of 1.65 V to 5.5 V
•
10-Channel 2:1 Switch
•
Powered-Off Protection
I/Os Hi-Z when VDD = 0 V
•
Low RON of 2.45-Ω Typical
•
Low CON of 1.5 pF
•
Minimum bandwidth of 1.5 GHz
•
Ultra Low Crosstalk of -40 dB
•
Low Power Disable Mode
•
1.8-V Compatible Logic Inputs
•
ESD Protection Exceeds JESD 22
–
2000-V Human Body Model (HBM)
2 Applications
•
Mobile Phones
•
Tablet
•
PC/Notebook
•
Virtual Reality
•
Augmented Reality
3 Description
The TS5MP645 is a four data lane MIPI switch. This
device is an optimized 10 channel (5 differential)
single-pole, double-throw switch for use in high speed
applications. The TS5MP645 is designed to facilitate
multiple MIPI compliant devices to connect to a single
CSI/DSI, C-PHY/D-PHY module.
The device has excellent bandwidth, low channel to
channel skew with little signal degradation, and wide
margins to compensate for layout losses. The low
current consumption meets the need of low power
applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TS5MP645
DSBGA (YFP)
2.42 mm x 2.42 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - TS5MP645YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5MP645YFPR TI1-TS5MP645YFPR Datasheet
1Mb / 31P
4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
More results

Similar Description - TS5MP645YFPR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
FSA644UCX FAIRCHILD-FSA644UCX Datasheet
624Kb / 10P
FSA644 ??2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
logo
Texas Instruments
TS5MP645 TI1-TS5MP645 Datasheet
1Mb / 31P
4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
TS5MP646 TI1-TS5MP646 Datasheet
1Mb / 30P
Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
FSA644 ONSEMI-FSA644 Datasheet
1Mb / 11P
2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
May 2018 Rev. 2
FSA646 ONSEMI-FSA646 Datasheet
458Kb / 8P
2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0
FSA660 ONSEMI-FSA660 Datasheet
314Kb / 8P
2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
logo
Diodes Incorporated
PI3WVR626 DIODES-PI3WVR626 Datasheet
1Mb / 12P
2:1 MIPI 2-Data Lane Switch
Rev 3 - 2 March 2020
PI3WVR2646 DIODES-PI3WVR2646 Datasheet
645Kb / 9P
2:1 MIPI 4-Data Lane Switch
Rev 4 - 2 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com