Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2005 Datasheet(PDF) 21 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 17Page - Texas Instruments TSC2005 Datasheet HTML 18Page - Texas Instruments TSC2005 Datasheet HTML 19Page - Texas Instruments TSC2005 Datasheet HTML 20Page - Texas Instruments TSC2005 Datasheet HTML 21Page - Texas Instruments TSC2005 Datasheet HTML 22Page - Texas Instruments TSC2005 Datasheet HTML 23Page - Texas Instruments TSC2005 Datasheet HTML 24Page - Texas Instruments TSC2005 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
www.ti.com
Touch Sensor Short-Circuit Test
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
If the TBM bits of CFR1 detailed in Table 20 are all set to '1', a short-circuit in the touch sensor can be detected.
C3-C0 = 1011: PINTDAV = 0 during this short-circuit test. A '1' shown at end of the test indicates there is no
short-circuit detected (through X-axis) between the flex and stable layers. If there is a short-circuit detected,
PINTDAV stays low until a stop bit (STS set to '1') is issued.
C3-C0 = 1100: Reserved.
RM—Resolution select. If RM = 1, the conversion result resolution is 12-bit; otherwise, the resolution is 10-bit.
This bit is the same RM bit shown in CFR0.
SWRST—Software reset input. All register values are set to default value if a '1' is written to this bit. This bit must
be set to '0' in Control Byte 1 in order to cancel the software reset and resume normal operation.
STS—Stop bit for all converter functions. When writing a '1' to this register, this bit aborts the converter function
currently running in the TSC2005. A '0' must be written to this register in order to end the stop bit. This bit can
only stop converter functions; it does not reset any data, status, or configuration registers. This bit is the same
STS bit shown in CFR0, but can only be read through the CFR0 register with different interpretations.
Table 8. STS Bit Operation
OPERATION
VALUE
DESCRIPTION
Write
0
Normal operation
Write
1
Stop converter functions and power down
Table 9. Control Byte 0 Bit Register Description (D7 = 0)
BIT
NAME
DESCRIPTION
1: Control Byte 1—start conversion, channel select, and converison-related configuration
D7
Control Byte ID
0: Control Byte 0—read/write data registers and non-conversion-related controls
D6-D3
A3-A0
Register Address Bits as detailed in Table 10
D2
RESERVED
A '0' must be set in this bit for normal operation
Power Not Down Control
1: A/D converter biasing circuitry is always on between conversions, but is shut down after the converter
D1
PND0
function stops
0: A/D converter biasing circuitry is shut down either between conversions or after the converter function
stops
TSC Internal Register Data Flow Control
D0
R/W
1: Read from TSC internal registers
0: Write to TSC internal registers
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com