Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2005 Datasheet(PDF) 32 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 28Page - Texas Instruments TSC2005 Datasheet HTML 29Page - Texas Instruments TSC2005 Datasheet HTML 30Page - Texas Instruments TSC2005 Datasheet HTML 31Page - Texas Instruments TSC2005 Datasheet HTML 32Page - Texas Instruments TSC2005 Datasheet HTML 33Page - Texas Instruments TSC2005 Datasheet HTML 34Page - Texas Instruments TSC2005 Datasheet HTML 35Page - Texas Instruments TSC2005 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
www.ti.com
THEORY OF OPERATION
TOUCH SCREEN MEASUREMENTS
Conversion Controlled by TSC2005 Initiated by TSC2005 (TSMode 1)
t
COORDINATE
+
OH1
f
OSC
)2 @ tPVS)tPRE)tSNS)
OH
DLY1
f
OSC
)2 @ N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(5)
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
As noted previously in the discussion of the A/D converter, several operating modes can be used that allow great
flexibility for the host processor. This section examines these different modes.
In TSMode 1, before a pen touch can be detected, the TSC2005 must be programmed with PSM = 1 and one of
two scan modes:
1. X-Y-Z Scan (converter function select bits C[3:0] = Control Byte 1 D[6:3] = 0000); or
2. X-Y Scan (converter function select bits C[3:0] = Control Byte 1 D[6:3] = 0001).
See Table 7 for more information on the converter function select bits.
When the touch panel is touched, and the internal pen-touch signal to activates, the PINTDAV output is lowered
if it is programmed as PENIRQ. The TSC2005 then executes the preprogrammed scan function without a host
intervention.
At the same time, the TSC2005 starts up its internal clock. It then turns on the Y-drivers, and after a programmed
panel voltage stabilization time, powers up the A/D converter and converts the Y coordinate. If preprocessing is
selected, several conversions may take place. When data preprocessing is complete, the Y coordinate result is
stored in a temporary register.
If the screen is still touched at this time, the X-drivers are enabled, and the process repeats, but measures the X
coordinate instead, and stores the result in a temporary register.
If only X and Y coordinates are to be measured, then the conversion process is complete. A set of X and Y
coordinates are stored in the X and Y registers. Figure 32 shows a flowchart for this process. The time it takes to
go through this process depends upon the selected resolution, internal conversion clock rate, panel voltage
stabilization time, precharge and sense times, and whether preprocessing is selected. The time needed to get a
complete X and Y coordinate (sample set) reading can be calculated by:
Where:
tCOORDINATE = time to complete X/Y coordinate reading.
tPVS = panel voltage stabilization time, as given in Table 16.
tPRE = precharge time, as given in Table 17.
tSNS = sense time, as given in Table 18.
N = number of measurements for MAV filter input, as given in Table 3 as N.
(For no MAV: M1-0[1:0] = '00', W1-0[1:0] = '00', N = 1.)
B = number of bits of resolution.
fOSC = TSC onboard OSC clock frequency. See Electrical Characteristics for supply frequency (SNSVDD).
fADC = A/D converter clock frequency, as given in Table 15.
OH1 = overhead time #1 = 2.5 internal clock cycles.
OHDLY1 = total overhead time for tPVS, tPRE, and tSNS = 10 internal clock cycles.
OHCONV = total overhead time for A/D conversion = 3 internal clock cycles.
LPPRO = pre-processor preocessing time as given in Table 31.
32
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com