Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2005 Datasheet(PDF) 12 Page - Texas Instruments

Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI™ Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2005 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSC2005 Datasheet HTML 8Page - Texas Instruments TSC2005 Datasheet HTML 9Page - Texas Instruments TSC2005 Datasheet HTML 10Page - Texas Instruments TSC2005 Datasheet HTML 11Page - Texas Instruments TSC2005 Datasheet HTML 12Page - Texas Instruments TSC2005 Datasheet HTML 13Page - Texas Instruments TSC2005 Datasheet HTML 14Page - Texas Instruments TSC2005 Datasheet HTML 15Page - Texas Instruments TSC2005 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
www.ti.com
X-Position
MeasureX-Position
MeasureZ -Position
1
Touch
X+
Y+
X
-
Y
-
Z -Position
1
Touch
X+
Y+
Y
-
X
-
MeasureZ -Position
2
Z -Position
2
Touch
X+
Y+
Y
-
X
-
TSC2005
SBAS379C – DECEMBER 2006 – REVISED MARCH 2008
Figure 22. Pressure Measurement
When the touch panel is pressed or touched and the drivers to the panel are turned on, the voltage across the
touch panel often overshoots and then slowly settles down (decays) to a stable dc value. This effect is a result of
mechanical bouncing caused by vibration of the top layer sheet of the touch panel when the panel is pressed.
This settling time must be accounted for, or else the converted value will be in error. Therefore, a delay must be
introduced between the time the driver for a particular measurement is turned on, and the time a measurement is
made.
In some applications, external capacitors may be required across the touch screen for filtering noise picked up by
the touch screen (for example, noise generated by the LCD panel or back-light circuitry). The value of these
capacitors provides a low-pass filter to reduce the noise, but will cause an additional settling time requirement
when the panel is touched.
The TSC2005 offers several solutions to this problem. A programmable delay time is available that sets the delay
between turning the drivers on and making a conversion. This delay is referred to as the panel voltage
stabilization time, and is used in some of the TSC2005 modes. In other modes, the TSC2005 can be
commanded to turn on the drivers only without performing a conversion. Time can then be allowed before the
command is issued to perform a conversion.
The TSC2005 touch screen interface can measure position (X,Y) and pressure (Z). Determination of these
coordinates is possible under three different modes of the A/D converter:
• TSMode1—conversion controlled by the TSC2005 initiated by TSC;
• TSMode2—conversion controlled by the TSC2005 initiated by the host responding to the PENIRQ signal; or
• TSMode3—conversion completely controlled by the host processor.
12
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com