Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD315AI Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # 2SD315AI
Description  2SD315AI Dual SCALE Driver Core
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SD315AI Datasheet(HTML) 3 Page - Power Integrations, Inc.

  2SD315AI Datasheet HTML 1Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 2Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 3Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 4Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 5Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 6Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 7Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 8Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SCALE Driver
2SD315AI Data Sheet
IGBT-Driver.com
Page 3
Pin Designation
Pin Des.
Function
1 VDD
+15V for electronic input side
2 VDD
+15V for electronic input side
3 SO1
Status output channel 1
4 VL
Logic level/Reset
5 RC1
RC network dead-time channel 1
6 InB
Input B
7 RC2
RC network dead-time channel 2
8 MOD
Mode input
9 SO2
Status output channel 2
10 InA
Input A
11 GND
GND for electronic input side
12 GND
GND for electronic input side
13 VDC
+15V for DC/DC converter
14 VDC
+15V for DC/DC converter
15 VDC
+15V for DC/DC converter
16 VDC
+15V for DC/DC converter
17 VDC
+15V for DC/DC converter
18 GND(dc) Ground DC/DC converter
19 GND(dc) Ground DC/DC converter
20 GND(dc) Ground DC/DC converter
21 GND(dc) Ground DC/DC converter
22 GND(dc) Ground DC/DC converter
Pin Des.
Function
44 G1
Gate channel 1
43 G1
Gate channel 1
42 COM1
Virtual common channel 1
41 COM1
Virtual common channel 1
40 Viso1
Blocking capacitor channel 1
39 E1
Emitter channel 1
38 E1
Emitter channel 1
37 Rth1
Reference resistor channel 1
36 C1
Collector sense channel 1
35 LS1
Local status channel 1
34
Free
33
Free
32 G2
Gate channel 2
31 G2
Gate channel 2
30 COM2
Virtual common channel 2
29 COM2
Virtual common channel 2
28 Viso2
Blocking capacitor channel 2
27 E2
Emitter channel 2
26 E2
Emitter channel 2
25 Rth2
Reference resistor channel 2
24 C2
Collector sense channel 2
23 LS2
Local status channel 2
Legend:
Pins with the designation “Free” are not physically present.
PCB Layout / Mechanical Dimensions
Details of the circuit board layout
Grid of the aspect drawing on page 4 below: 1.27mm (50mil)
Recommended diameter of solder pad: Ø 1.6mm
Recommended diameter of drill holes: Ø 1.0mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com