Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD315AI Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # 2SD315AI
Description  2SD315AI Dual SCALE Driver Core
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SD315AI Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button 2SD315AI Datasheet HTML 3Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 4Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 5Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 6Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 7Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 8Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 9Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 10Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SCALE Driver
2SD315AI Data Sheet
IGBT-Driver.com
Page 7
Electrical Characteristics (Continuation)
Power supply monitoring
Test conditions
min typ max
unit
Turn-on threshold
Vth
(see Note 4)
11.5
Vdc
Hysteresis on/off
(see Note 4)
0.7
Vdc
Logic inputs
Test conditions
min typ max
unit
Input voltage
all inputs (see Note 5)
0
VDD
Vdc
Timing characteristics
Test conditions
min typ max
unit
Delay time input to output
turn-on
t pd(on)
300
ns
turn-off
t pd(off)
350
ns
Blocking time
after failure (see Note 12)
1
s
Outputs
Test conditions
min typ max
unit
Output current
I G
Gx to Ex (see Note 6)
-15
+15
A
Output rise time
t r(out)
Gx to Ex (see Note 7)
100/160
ns
Output fall time
t f(out)
Gx to Ex (see Note 7)
80/130
ns
Output current SOx
1.5
mA
Output voltage rating SOx
SOx to GND
VDD
V
Output current LSx
5
mA
Vce-Monitoring
Test conditions
min typ max
unit
Inputs Cx
to Ex
0
VDD
Vdc
Electrical isolation
Test conditions
min typ max
unit
Operating voltage
continuous (see Note 8)
1200
Vdc
Test voltage
(50Hz/1min) (see Note 11)
4000
VAC(eff)
Partial discharge extinction volt. IEC270
>1700
VAC(pk)
Creep path input-output
20
mm
Creep path output-output
20
mm
Maximum V/t at V =1000V (see Note 9)
100
kV/s
All data refer to +25°C and
VDD = VDC = 15V unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com