Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD315AI Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # 2SD315AI
Description  2SD315AI Dual SCALE Driver Core
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SD315AI Datasheet(HTML) 1 Page - Power Integrations, Inc.

  2SD315AI Datasheet HTML 1Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 2Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 3Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 4Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 5Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 6Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 7Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 8Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SCALE Driver
2SD315AI Data Sheet
IGBT-Driver.com
Page 1
2SD315AI Dual SCALE Driver Core
for IGBTs and Power MOSFETs
Description
The SCALE drivers from CONCEPT are
based on a chip set that was
developed specifically for the reliable
driving and safe operation of IGBTs
and power MOSFETs.
The name “SCALE” is an acronym for the
most outstanding properties of the SCALE
series of drivers:
SCALE = Scaleable, Compact, All purpose,
Low cost and Easy to use.
The SCALE driver is a winning project of the
competition organized by “Technology Center
Switzerland 1998”. And ABB Switzerland AG honored the development of the SCALE
driver by distinguishing it as the “best power electronics project in 1998”.
Product Highlights
Applications
 Suitable for 1200V and 1700V IGBTs
 Inverters
 Short circuit and overcurrent protection
 Motor drive technology
 Extremely reliable, long service life
 Traction
 High gate current of ±15A
 Railroad power supplies
 Electrical isolation of 4000VAC
 Converters
 Electrically isolated status acknowledgement
 Power engineering
 Monitoring of power supply and self-monitoring  Switched-mode power supplies
 Switching frequency DC to >100kHz
 Radiology and laser technology
 Duty cycle: 0... 100%
 DC/DC converter
 High dv/dt immunity, guaranteed >100,000V/µs  Research
 Complete with DC/DC converter
 RF generators and converters


Similar Part No. - 2SD315AI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD315AI ETC2-2SD315AI Datasheet
351Kb / 15P
Dual SCALE Driver Core for IGBTs and Power MOSFETs
More results

Similar Description - 2SD315AI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
Dual air-core gauge driver
1999 Sep 20
logo
Cherry Semiconductor Co...
CS3750 CHERRY-CS3750 Datasheet
137Kb / 4P
100mA Dual H-Bridge Air-Core Gauge Driver
Rev. 7/20/95
logo
Semikron International
SKYPER32PRO SEMIKRON-SKYPER32PRO Datasheet
43Kb / 1P
IGBT Driver Core
logo
List of Unclassifed Man...
1SD210FI-FZ600R65KF1 ETC2-1SD210FI-FZ600R65KF1 Datasheet
127Kb / 6P
SCALE High Voltage IGBT Driver
1SD210FI-FX200R65KF1 ETC2-1SD210FI-FX200R65KF1 Datasheet
128Kb / 6P
SCALE High Voltage IGBT Driver
logo
Semikron International
SKYPER32PRORUL SEMIKRON-SKYPER32PRORUL Datasheet
458Kb / 18P
IGBT Driver Core
SKYPER32R_0701 SEMIKRON-SKYPER32R_0701 Datasheet
638Kb / 16P
IGBT Driver Core
logo
List of Unclassifed Man...
2SD315AI ETC2-2SD315AI Datasheet
351Kb / 15P
Dual SCALE Driver Core for IGBTs and Power MOSFETs
2SD106AI ETC1-2SD106AI Datasheet
210Kb / 12P
2SD106AI Dual SCALE Driver Core for IGBTs and Power MOSFETs
logo
ON Semiconductor
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com